Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72821L15PFG Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 72821L15PFG
Description  DUAL CMOS SyncFIFO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72821L15PFG Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 72821L15PFG Datasheet HTML 2Page - Integrated Device Technology 72821L15PFG Datasheet HTML 3Page - Integrated Device Technology 72821L15PFG Datasheet HTML 4Page - Integrated Device Technology 72821L15PFG Datasheet HTML 5Page - Integrated Device Technology 72821L15PFG Datasheet HTML 6Page - Integrated Device Technology 72821L15PFG Datasheet HTML 7Page - Integrated Device Technology 72821L15PFG Datasheet HTML 8Page - Integrated Device Technology 72821L15PFG Datasheet HTML 9Page - Integrated Device Technology 72821L15PFG Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
MARCH 2013
NOTE:
1. tSKEW1 is the minimum time between a rising WCLKA (WCLKB) edge and a rising RCLKA (RCLKB) edge for EFA (EFB) to change during the current clock cycle. If the time
between the rising edge of RCLKA (RCLKB) and the rising edge of WCLKA (WCLKB) is less than tSKEW1, then EFA (EFB) may not change state until the next RCLKA (RCLKB)
Figure 6. Read Cycle Timing
tENH
tENS
NO OPERATION
tOLZ
VALID DATA
tSKEW1
(1)
tCLK
tCLKH
tCLKL
tREF
tREF
tA
tOE
tOHZ
RCLKA (RCLKB)
RENA1, RENA2
(
RENB1, RENB2)
EFA (EFB)
QA0 - QA8
(QB0 - QB8)
OEA (OEB)
WCLKA (WCLKB)
WENA1 (WENB1)
WENA2 (WENB2)
3034 drw 07
tDS
D0 (First Valid Write)
tSKEW1
D0
D1
D3
D2
D1
tENS
tFRL
(1)
tREF
tA
tOLZ
tOE
tA
WCLKA (WCLKB)
DA0 - DA8
(DB0 - DB8)
WENA2 (WENB2)
(If Applicable)
RCLKA (RCLKB)
EFA (EFB)
RENA1, RENA2
(
RENB1, RENB2)
QA0 - QA8
(QB0 - QB8)
OEA (OEB)
WENA1 (WENB1)
3034 drw 08
tENS
tENS
NOTE:
1. When tSKEW1
≥ minimum specification, tFRL = tCLK + tSKEW1
When tSKEW1
< minimum specification, tFRL = 2tCLK + tSKEW1V or tCLK + tSKEW1
The Latency Timings apply only at the Empty Boundary (EFA, EFB = LOW).
Figure 7. First Data Word Latency Timing


Similar Part No. - 72821L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72821L15LPFG RENESAS-72821L15LPFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72821L15LPFG8 RENESAS-72821L15LPFG8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72821L15LPFGI RENESAS-72821L15LPFGI Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72821L15LPFGI8 RENESAS-72821L15LPFGI8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72821L15LTFG RENESAS-72821L15LTFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 72821L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com