Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7026S20JGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 7026S20JGI
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7026S20JGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 7026S20JGI Datasheet HTML 2Page - Integrated Device Technology 7026S20JGI Datasheet HTML 3Page - Integrated Device Technology 7026S20JGI Datasheet HTML 4Page - Integrated Device Technology 7026S20JGI Datasheet HTML 5Page - Integrated Device Technology 7026S20JGI Datasheet HTML 6Page - Integrated Device Technology 7026S20JGI Datasheet HTML 7Page - Integrated Device Technology 7026S20JGI Datasheet HTML 8Page - Integrated Device Technology 7026S20JGI Datasheet HTML 9Page - Integrated Device Technology 7026S20JGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6.42
IDT7026S/L
High-Speed 16K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
6
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1) (con't.) (VCC = 5.0V ± 10%)
NOTES:
1. 'X' in part numbers indicates power rating (S or L).
2. VCC = 5V, TA = +25°C, and are not production tested. ICCDC = 120mA (Typ.)
3. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using
“AC Test Conditions” of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
7026X15
Com'l Only
7026X20
Com'l, Ind
& Military.
7026X25
Com'l, Ind
& Military
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Typ.(2)
Max.
Unit
ICC
Dynamic Operating Current
(Both Ports Active)
CE
= VIL, Outputs Disabled
SEM
= VIH
f = fMAX(3)
COM'L
S
L
190
190
325
285
180
180
315
275
170
170
305
265
mA
MIL &
IND
S
L
___
___
___
___
180
180
355
315
170
170
345
305
ISB1
Standby Current
(Both Ports - TTL Level
Inputs)
CEL
= CER = VIH
SEMR
= SEML = VIH
f = fMAX(3)
COM'L
S
L
35
35
95
70
30
30
85
60
25
25
85
60
mA
MIL &
IND
S
L
___
___
___
___
30
30
100
80
25
25
100
80
ISB2
Standby Current
(One Port - TTL Level Inputs)
CE"A"
= VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(3)
SEMR
= SEML = VIH
COM'L
S
L
125
125
220
190
115
115
210
180
105
105
200
170
mA
MIL &
IND
S
L
___
___
___
___
115
115
245
210
105
105
230
200
ISB3
Full Standby Current (Both
Ports - All CMOS Level
Inputs)
Both Ports CEL and
CER
> VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR = SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
1.0
0.2
15
5
mA
MIL &
IND
S
L
___
___
___
___
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port - All CMOS Level
Inputs)
CE"A"
< 0.2V and
CE"B"
> VCC - 0.2V(5)
SEMR
= SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f=fMAX(3)
COM'L
S
L
120
120
195
170
110
110
185
160
100
100
170
145
mA
MIL &
IND
S
L
___
___
___
___
110
110
210
185
100
100
200
175
2939 tbl 10
7026X35
Com'l, Ind
& Military
7026X55
Com'l, Ind
& Military
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE
= VIL, Outputs Disabled
SEM
= VIH
f = fMAX(3)
COM'L
S
L
160
160
295
255
150
150
270
230
mA
MIL &
IND
S
L
160
160
335
295
150
150
310
270
ISB1
Standby Current
(Both Ports - TTL Level
Inputs)
CEL
= CER = VIH
SEMR
= SEML = VIH
f = fMAX(3)
COM'L
S
L
20
20
85
60
13
13
85
60
mA
MIL &
IND
S
L
20
20
100
80
13
13
100
80
ISB2
Standby Current
(One Port - TTL Level
Inputs)
CE"A"
= VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(3)
SEMR
= SEML = VIH
COM'L
S
L
95
95
185
155
85
85
165
135
mA
MIL &
IND
S
L
95
95
215
185
85
85
195
165
ISB3
Full Standby Current
(Both Ports - All CMOS
Level Inputs)
Both Ports CEL and
CER
> VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR
= SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
mA
MIL &
IND
S
L
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port - All CMOS
Level Inputs)
CE"A"
< 0.2V and
CE"B"
> VCC - 0.2V(5)
SEMR
= SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f=fMAX(3)
COM'L
S
L
90
90
160
135
80
80
135
110
mA
MIL &
IND
S
L
90
90
190
165
80
80
175
150
2939 tbl 11


Similar Part No. - 7026S20JGI

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7026-2556 AMPHENOL-7026-2556 Datasheet
75Kb / 1P
   SMA MALE TO SMA MALE FOR .047 CABLE ASSEMBLY
logo
Integrated Device Techn...
70261L15PFG IDT-70261L15PFG Datasheet
703Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
70261L15PFG IDT-70261L15PFG Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70261L15PFG RENESAS-70261L15PFG Datasheet
509Kb / 21P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
JULY 2019
logo
Integrated Device Techn...
70261L15PFG8 IDT-70261L15PFG8 Datasheet
703Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
More results

Similar Description - 7026S20JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S Datasheet
144Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com