Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7024L35JGI8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 7024L35JGI8
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7024L35JGI8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 7024L35JGI8 Datasheet HTML 7Page - Integrated Device Technology 7024L35JGI8 Datasheet HTML 8Page - Integrated Device Technology 7024L35JGI8 Datasheet HTML 9Page - Integrated Device Technology 7024L35JGI8 Datasheet HTML 10Page - Integrated Device Technology 7024L35JGI8 Datasheet HTML 11Page - Integrated Device Technology 7024L35JGI8 Datasheet HTML 12Page - Integrated Device Technology 7024L35JGI8 Datasheet HTML 13Page - Integrated Device Technology 7024L35JGI8 Datasheet HTML 14Page - Integrated Device Technology 7024L35JGI8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
6.42
IDT7024S/L
High-Speed 4K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
11
Timing Waveform of Write Cycle No. 1, R/W Controlled Timing(1,5,8)
Timing Waveform of Write Cycle No. 2, CE, UB, LB Controlled Timing(1,5)
NOTES:
1. R/
W or CE or UB & LB = VIH during all address transitions.
2. A write occurs during the overlap (tEW or tWP) of a
UB or LB = VIL and a CE = VIL and a R/W = VIL for memory array writing cycle.
3. tWR is measured from the earlier of
CE or R/W (or SEM or R/W) going HIGH = VIL to the end-of-write cycle.
4. During this period, the I/O pins are in the output state and input signals must not be applied.
5. If the
CE or SEM LOW = VIL transition occurs simultaneously with or after the R/W = VIL transition, the outputs remain in the High-impedance state.
6. Timing depends on which enable signal is asserted last,
CE, R/W, UB, or LB.
7.
This parameter is guaranted by device characterization, but is not production tested. Transition is measured 0mV steady state with the Output Test Load
(Figure 2).
8.
If
OE = VIL during R/W controlled write cycle, the write pulse width must be the larger of tWP for (tWZ + tDW) to allow the I/O drivers to turn off and data to be
placed on the bus for the required tDW. If
OE = VIH during an R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the
specified tWP .
9. To access RAM,
CE = VIL, UB or LB = VIL, and SEM = VIH. To access Semaphore, CE = VIH or UB & LB = VIH, and SEM = VIL. tEW must be
met for either condition.
R/
W
tWC
tHZ
tAW
tWR
tAS
tWP
DATAOUT
(2)
tWZ
tDW
tDH
tOW
OE
ADDRESS
DATAIN
(6)
(4)
(4)
(7)
UB or LB
2740 drw 09
(9)
CE or SEM
(9)
(7)
(3)
2740 drw 10
tWC
tAS
tWR
tDW
tDH
ADDRESS
DATAIN
R/
W
tAW
tEW
UB or LB
(3)
(2)
(6)
CE or SEM
(9)
(9)


Similar Part No. - 7024L35JGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7024L35JGI8 IDT-7024L35JGI8 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 7024L35JGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com