Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F400TR45 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HY29F400TR45
Description  4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F400TR45 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HY29F400TR45 Datasheet HTML 3Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 4Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 5Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 6Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 7Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 8Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 9Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 10Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
Rev. 5.2/May 01
HY29F400
Table 3. HY29F400 Bus Operations Requiring High Voltage 1, 2
Notes:
1. L = V
IL, H = VIH, X = Don’t Care.
See DC Characteristics for voltage levels.
2. Address bits not specified are Don’t Care.
3. See text for additional information.
4. SA = sector address. See Table 1.
5. DQ[15] is the A[-1] input in Byte Mode (BYTE# = L).
The ‘Device Commands’ section of this document
provides details on the specific device commands
implemented in the HY29F400.
Output Disable Operation
When the OE# input is at V
IH, output data from the
device is disabled and the data bus pins are placed
in the high impedance state.
Standby Operation
When the system is not reading from or writing to
the HY29F400, it can place the device in the
Standby mode. In this mode, current consump-
tion is greatly reduced, and the data bus outputs
are placed in the high impedance state, indepen-
dent of the OE# input. The Standby mode can be
invoked using two methods.
The device enters the CE# CMOS Standby mode
if the CE# and RESET# pins are both held at V
CC
± 0.5V. Note that this is a more restricted voltage
range than V
IH. If both CE# and RESET# are held
High, but not within V
CC ± 0.5V, the device will be
in the CE# TTL Standby mode, but the standby
current will be greater.
The device enters the RESET# CMOS Standby
mode when the RESET# pin is held at V
SS ± 0.5V.
If RESET# is held Low but not within V
SS ± 0.5V,
the HY29F400 will be in the RESET# TTL Standby
mode, but the standby current will be greater. See
Hardware Reset Operation section for additional
information on the reset operation.
The device requires standard access time (t
CE) for
read access when the device is in either of the
standby modes, before it is ready to read data. If
the device is deselected during erasure or pro-
gramming, it continues to draw active current until
the operation is completed.
Hardware Reset Operation
The RESET# pin provides a hardware method of
resetting the device to reading array data. When
the RESET# pin is driven Low for the minimum
specified period, the device immediately termi-
nates any operation in progress, tri-states the data
bus pins, and ignores all read/write commands for
the duration of the RESET# pulse. The device also
resets the internal state machine to reading array
data. If an operation was interrupted by the as-
sertion of RESET#, it should be reinitiated once
the device is ready to accept another command
sequence to ensure data integrity.
Current is reduced for the duration of the RESET#
pulse as described in the Standby Operation sec-
tion above.
n
o
i
t
a
r
e
p
O
3
#
E
C
#
E
O
#
E
W
#
T
E
S
E
R
]
2
1
:
7
1
[
A
]
9
[
A
]
6
[
A
]
1
[
A
]
0
[
A
]
0
:
7
[
Q
D
]
8
:
5
1
[
Q
D
#
E
T
Y
B
H
=
#
E
T
Y
B
L
=
5
t
c
e
t
o
r
P
r
o
t
c
e
SL
V
D
I
XH
A
S 4
V
D
I
XXX
X
X
Z
-
h
g
i
H
t
c
e
t
o
r
p
n
U
r
o
t
c
e
SV
D
I
V
D
I
XH
X
V
D
I
XXX
X
X
Z
-
h
g
i
H
r
o
t
c
e
S
y
r
a
r
o
p
m
e
T
t
c
e
t
o
r
p
n
U
XXX
V
D
I
X
XXXX
D
N
I
D
N
I
Z
-
h
g
i
H
e
d
o
C
r
e
r
u
t
c
a
f
u
n
a
ML
L
H
H
X
V
D
I
LLL
D
A
x
0X
Z
-
h
g
i
H
e
c
i
v
e
D
e
d
o
C
B
0
0
4
F
9
2
Y
H
LL
H
H
X
V
D
I
LL
H
B
A
x
0
2
2
x
0Z
-
h
g
i
H
T
0
0
4
F
9
2
Y
H
3
2
x
0
p
u
o
r
G
r
o
t
c
e
S
n
o
i
t
c
e
t
o
r
P
n
o
i
t
a
c
i
f
i
r
e
V
LL
H
H
A
S 4
V
D
I
LH
L
=
0
0
x
0
d
e
t
c
e
t
o
r
p
n
U
XZ
-
h
g
i
H
=
1
0
x
0
d
e
t
c
e
t
o
r
P


Similar Part No. - HY29F400TR45

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400A HYNIX-HY29F400A Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-50 HYNIX-HY29F400ABG-50 Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-50I HYNIX-HY29F400ABG-50I Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-55 HYNIX-HY29F400ABG-55 Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-55I HYNIX-HY29F400ABG-55I Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
More results

Similar Description - HY29F400TR45

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400A HYNIX-HY29F400A Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F800A HYNIX-HY29F800A Datasheet
263Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com