Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F080R90 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY29F080R90
Description  8 Megabit (1M x 8), 5 Volt-only, Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F080R90 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY29F080R90 Datasheet HTML 2Page - Hynix Semiconductor HY29F080R90 Datasheet HTML 3Page - Hynix Semiconductor HY29F080R90 Datasheet HTML 4Page - Hynix Semiconductor HY29F080R90 Datasheet HTML 5Page - Hynix Semiconductor HY29F080R90 Datasheet HTML 6Page - Hynix Semiconductor HY29F080R90 Datasheet HTML 7Page - Hynix Semiconductor HY29F080R90 Datasheet HTML 8Page - Hynix Semiconductor HY29F080R90 Datasheet HTML 9Page - Hynix Semiconductor HY29F080R90 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
Rev. 6.1/May 01
HY29F080
Table 3. HY29F080 Bus Operations Requiring High Voltage 1, 2
Notes:
1. L = V
IL, H = VIH, X = Don’t Care.
See DC Characteristics for voltage levels.
2. Address bits not specified are Don’t Care.
3. See text for additional information.
4. SGA = sector group address. See Table 1.
Read Operation
Data is read from the HY29F080 by using stan-
dard microprocessor read cycles while placing the
address of the byte to be read on the device’s
address inputs, A[19:0]. As shown in Table 2, the
host system must drive the CE# and OE# inputs
Low and drive WE# High for a valid read opera-
tion to take place. The device outputs the speci-
fied array data on DQ[7:0].
The HY29F080 is automatically set for reading
array data after device power-up and after a hard-
ware reset to ensure that no spurious alteration of
the memory content occurs during the power tran-
sition. No command is necessary in this mode to
obtain array data, and the device remains enabled
for read accesses until the command register con-
tents are altered.
This device features an Erase Suspend mode.
While in this mode, the host may read the array
data from any sector of memory that is not marked
for erasure. If the host attempts to read from an
address within an erase-suspended sector, or
while the device is performing an erase or byte
program operation, the device outputs status data
instead of array data. After completing a program-
ming operation in the Erase Suspend mode, the
system may once again read array data with the
same exceptions noted above. After completing
an internal program or internal erase algorithm,
the HY29F080 automatically returns to the read
array data mode.
The host must issue a hardware reset or the soft-
ware reset command (see Command Definitions)
to return a sector to the read array data mode if
DQ[5] goes high during a program or erase cycle,
or to return the device to the read array data mode
while it is in the Electronic ID mode.
Write Operation
Certain operations, including programming data
and erasing sectors of memory, require the host
to write a command or command sequence to the
HY29F080. Writes to the device are performed
by placing the byte address on the device’s ad-
dress inputs while the data to be written is input
on DQ[7:0]. The host system must drive the CE#
and WE# pins Low and drive OE# High for a valid
write operation to take place. All addresses are
n
o
i
t
a
r
e
p
O
3
#
E
C
#
E
O
#
E
W
-
T
E
S
E
R
#
]
7
1
:
9
1
[
A
]
9
[
A
]
6
[
A
]
1
[
A
]
0
[
A
]
0
:
7
[
Q
D
p
u
o
r
G
r
o
t
c
e
S
t
c
e
t
o
r
P
LV
D
I
XH
A
G
S
4
V
D
I
XXX
X
p
u
o
r
G
r
o
t
c
e
S
t
c
e
t
o
r
p
n
U
V
D
I
V
D
I
XH
A
G
S
4
V
D
I
XXX
X
y
r
a
r
o
p
m
e
T
p
u
o
r
G
r
o
t
c
e
S
t
c
e
t
o
r
p
n
U
XXX
V
D
I
X
XXXX
X
r
e
r
u
t
c
a
f
u
n
a
M
e
d
o
C
LL
H
H
X
V
D
I
LLL
D
A
x
0
=
x
i
n
y
H
e
d
o
C
e
c
i
v
e
DL
L
H
H
X
V
D
I
LL
H
=
0
8
0
F
9
2
Y
H
5
D
x
0
p
u
o
r
G
r
o
t
c
e
S
n
o
i
t
c
e
t
o
r
P
n
o
i
t
a
c
i
f
i
r
e
V
LL
H
H
A
G
S
4
V
D
I
LH
L
=
0
0
x
0
d
e
t
c
e
t
o
r
p
n
U
=
1
0
x
0
d
e
t
c
e
t
o
r
P


Similar Part No. - HY29F080R90

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-45 HYNIX-HY29F002TC-45 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-55 HYNIX-HY29F002TC-55 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-70 HYNIX-HY29F002TC-70 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-90 HYNIX-HY29F002TC-90 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F080R90

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com