Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72825LB15BGGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 72825LB15BGGI
Description  CMOS DUAL SyncFIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72825LB15BGGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 72825LB15BGGI Datasheet HTML 2Page - Integrated Device Technology 72825LB15BGGI Datasheet HTML 3Page - Integrated Device Technology 72825LB15BGGI Datasheet HTML 4Page - Integrated Device Technology 72825LB15BGGI Datasheet HTML 5Page - Integrated Device Technology 72825LB15BGGI Datasheet HTML 6Page - Integrated Device Technology 72825LB15BGGI Datasheet HTML 7Page - Integrated Device Technology 72825LB15BGGI Datasheet HTML 8Page - Integrated Device Technology 72825LB15BGGI Datasheet HTML 9Page - Integrated Device Technology 72825LB15BGGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72805LB/72815LB/72825LB/72845LB CMOS Dual SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, and 4,096 x 18
6
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = -40°C + 85°C)
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1
AC TEST CONDITIONS
Figure 1. Output Load
* Includes jig and scope capacitances.
Commercial
Com’l & Ind’l(1)
Commercial
IDT72805LB10
IDT72805LB15
IDT72805LB25
IDT72815LB10
IDT72815LB15
IDT72815LB25
IDT72825LB10
IDT72825LB15
IDT72825LB25
IDT72845LB10
IDT72845LB15
IDT72845LB25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
40
MHz
tA
DataAccessTime
2
6.5
2
10
3
15
ns
tCLK
Clock Cycle Time
10
15
25
ns
tCLKH
Clock HIGH Time
4.5
6
10
ns
tCLKL
Clock LOW Time
4.5
6
10
ns
tDS
DataSetupTime
3
4
6
ns
tDH
DataHoldTime
0
1
1
ns
tENS
EnableSetupTime
3
4
6
ns
tENH
EnableHoldTime
0
1
1
ns
tRS
ResetPulseWidth(2)
10
15
25
ns
tRSS
ResetSetupTime
8
10
15
ns
tRSR
Reset Recovery Time
8
10
15
ns
tRSF
ResettoFlagandOutputTime
15
15
25
ns
tOLZ
OutputEnabletoOutputinLow-Z(3)
0—
0—
0
ns
tOE
OutputEnabletoOutputValid
6
8
12
ns
tOHZ
OutputEnabletoOutputinHigh-Z(3)
16181
12
ns
tWFF
Write Clock to Full Flag
6.5
10
15
ns
tREF
Read Clock to Empty Flag
6.5
10
15
ns
tPAFA
ClocktoAsynchronousProgrammable
17
20
35
ns
Almost-FullFlag
tPAFS
Write Clock to Synchronous
8
10
12
ns
ProgrammableAlmost-FullFlag
tPAEA
ClocktoAsynchronousProgrammable
17
20
35
ns
Almost-EmptyFlag
tPAES
Read Clock to Synchronous
8
10
12
ns
ProgrammableAlmost-EmptyFlag
tHF
Clock to Half-Full flag
17
20
35
ns
tXO
Clock to Expansion Out
6.5
10
15
ns
tXI
Expansion In Pulse Width
3
6.5
10
ns
tXIS
Expansion In Setup Time
3
5
10
ns
tSKEW1
Skew time between Read Clock &
5
6
10
ns
Write Clock for FF/IR and EF/OR
tSKEW2(4)
Skew time between Read Clock &
12
15
17
ns
Write Clock for PAE and PAF
3139 drw 03
30pF*
1.1K
5V
D.U.T.
680
Ω
NOTES:
1. Industrial Temperature Range Product for the 15ns speed grade is available as a standard device.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
4. tSKEW2 applies to synchronous PAE and synchronous PAF only.


Similar Part No. - 72825LB15BGGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72825LB15BGGI RENESAS-72825LB15BGGI Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
72825LB15BGGI8 RENESAS-72825LB15BGGI8 Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
More results

Similar Description - 72825LB15BGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com