Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7052L35GG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 7052L35GG
Description  HIGH-SPEED 2K x 8 FourPort STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7052L35GG Datasheet(HTML) 5 Page - Integrated Device Technology

  7052L35GG Datasheet HTML 1Page - Integrated Device Technology 7052L35GG Datasheet HTML 2Page - Integrated Device Technology 7052L35GG Datasheet HTML 3Page - Integrated Device Technology 7052L35GG Datasheet HTML 4Page - Integrated Device Technology 7052L35GG Datasheet HTML 5Page - Integrated Device Technology 7052L35GG Datasheet HTML 6Page - Integrated Device Technology 7052L35GG Datasheet HTML 7Page - Integrated Device Technology 7052L35GG Datasheet HTML 8Page - Integrated Device Technology 7052L35GG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
6.42
IDT7052S/L
High-Speed 2K x 8 FourPort™ Static RAM
Military, Industrial and Commercial Temperature Ranges
5
NOTES:
1. 'X' in part number indicates power rating (S or L).
2. VCC = 5V, TA = +25°C and are not production tested.
3. f = 0 means no address or control lines change.
4. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input
levels of GND to 3V.
5. For the case of one port, divide the appropriate current above by four.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VCC = 5.0V ± 10%)
N
OTE:
1. At Vcc < 2.0V input leakages are undefined.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1,5) (VCC = 5.0V ± 10%)
Symbol
Parameter
Condition
7052X20
Com'l Only
7052X25
Com'l, Ind
& Military
7052X35
Com'l &
Military
Unit
Version
Typ.(2)
Max.
Typ.(2)
Max.
Typ.(2)
Max.
ICC1
Operating Power
Supply Current
(All Ports Active)
CE
= VIL
Outputs Disabled
f = 0(3)
COM'L.
S
L
150
150
300
250
150
150
300
250
150
150
300
250
mA
MIL. &
IND.
S
L
____
____
____
____
150
150
360
300
150
150
360
300
ICC2
Dynamic Operating
Current
(All Ports Active)
CE
= VIL
Outputs Disabled
f = fMAX(4)
COM'L.
S
L
240
210
370
325
225
195
350
305
210
180
335
290
mA
MIL. &
IND.
S
L
____
____
____
____
225
195
400
340
210
180
395
330
ISB
Standby Current
(All Ports - TTL Level
Inputs)
CE
= VIH
f = fMAX(4)
COM'L.
S
L
70
60
95
80
45
40
85
70
40
35
75
60
mA
MIL. &
IND.
S
L
____
____
____
____
45
40
115
85
40
35
110
80
ISB1
Full Standby Current
(All Ports - All CMOS
Level Inputs)
All Ports
CE
> VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(3)
COM'L.
S
L
1.5
0.3
15
1.5
1.5
0.3
15
1.5
1.5
0.3
15
1.5
mA
MIL. &
IND.
S
L
____
____
____
____
1.5
0.3
30
4.5
1.5
0.3
30
4.5
2674 tbl 06
Symbol
Parameter
Test Conditions
7052S
7052L
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current
CE
= VIH, VOUT = 0V to VCC
___
10
___
5µA
VOL
Output Low Voltage
IOL = 4mA
___
0.4
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
2674 tbl 07


Similar Part No. - 7052L35GG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7052 ETC2-7052 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7052 ETC2-7052 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Molex Electronics Ltd.
70520 MOLEX5-70520 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520 MOLEX11-70520 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520-50 MOLEX5-70520-50 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
More results

Similar Description - 7052L35GG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S Datasheet
99Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com