Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7052S20GG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 7052S20GG
Description  HIGH-SPEED 2K x 8 FourPort STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7052S20GG Datasheet(HTML) 3 Page - Integrated Device Technology

  7052S20GG Datasheet HTML 1Page - Integrated Device Technology 7052S20GG Datasheet HTML 2Page - Integrated Device Technology 7052S20GG Datasheet HTML 3Page - Integrated Device Technology 7052S20GG Datasheet HTML 4Page - Integrated Device Technology 7052S20GG Datasheet HTML 5Page - Integrated Device Technology 7052S20GG Datasheet HTML 6Page - Integrated Device Technology 7052S20GG Datasheet HTML 7Page - Integrated Device Technology 7052S20GG Datasheet HTML 8Page - Integrated Device Technology 7052S20GG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
6.42
IDT7052S/L
High-Speed 2K x 8 FourPort™ Static RAM
Military, Industrial and Commercial Temperature Ranges
3
Pin Configurations(1,2,3) (con't.)
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. PN120-1packagebodyisapproximately14mmx14mmx1.4mm.
4. Thispackagecodeisusedtoreferencethepackagediagram.
2674 drw 04
7052
PN120(4)
1 2 3 4 5
6
7 8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
I/O2P2
I/O3P2
I/O4P2
I/O5P3
I/O6P3
I/O7P3
I/O0P4
N/C
I/O6P1
N/C
I/O2P3
I/O0P2
I/O1P2
I/O1P3
I/O5P2
I/O6P2
I/O7P2
VCC
I/O0P3
GND
I/O1P4
N/C
VCC
GND
N/C
I/O3P3
I/O4P3
VCC
I/O7P1
R/
WP3
CEP3
OEP3
N/C
A9P3
A8P3
A7P3
A10P3
A6P3
A5P3
A4P3
A3P3
A2P3
A1P3
A0P3
N/C
A0P2
A1P2
A2P2
A4P2
A3P2
A5P2
A6P2
A7P2
A10P2
A8P2
A9P2
N/C
R/
WP2
CEP2
VCC
INDEX


Similar Part No. - 7052S20GG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7052 ETC2-7052 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7052 ETC2-7052 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Molex Electronics Ltd.
70520 MOLEX5-70520 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520 MOLEX11-70520 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520-50 MOLEX5-70520-50 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
More results

Similar Description - 7052S20GG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S Datasheet
99Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com