Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7052L25GGB Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 7052L25GGB
Description  HIGH-SPEED 2K x 8 FourPort STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7052L25GGB Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 7052L25GGB Datasheet HTML 4Page - Integrated Device Technology 7052L25GGB Datasheet HTML 5Page - Integrated Device Technology 7052L25GGB Datasheet HTML 6Page - Integrated Device Technology 7052L25GGB Datasheet HTML 7Page - Integrated Device Technology 7052L25GGB Datasheet HTML 8Page - Integrated Device Technology 7052L25GGB Datasheet HTML 9Page - Integrated Device Technology 7052L25GGB Datasheet HTML 10Page - Integrated Device Technology 7052L25GGB Datasheet HTML 11Page - Integrated Device Technology 7052L25GGB Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
6.42
IDT7052S/L
High-Speed 2K x 8 FourPort™ Static RAM
Military, Industrial and Commercial Temperature Ranges
10
Timing Waveform of Write with Port-to-Port Read(1,2,3)
Functional Description
The IDT7052 provides four ports with separate control, address, and
I/Opinsthatpermitindependentaccessforreadsorwritestoanylocation
in memory. These devices have an automatic power down feature
controlled by CE. The CE controls on-chip power down circuitry that
permitstherespectiveporttogointostandbymodewhennotselected(CE
= VIH). When a port is enabled, access to the entire memory array is
permitted.EachporthasitsownOutputEnablecontrol(OE).Intheread
mode, the port’s OE turns on the output drivers when set LOW. READ/
WRITEconditionsareillustratedinthetablebelow.
Timing Waveform of Write with BUSY Input
NOTE:
1. BUSY is asserted on Port "B" blocking R/W"B" until BUSY"B" goes HIGH.
Truth Table I – Read/Write Control(3)
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don’t Care, "Z "= High Impedance
2. If BUSY = VIL, write is blocked.
3. For valid write operation, no more than one port can write to the same address
location at the same time.
NOTES:
1. Assume BUSY input = VIH and CE = VIL for the writing port.
2. OE = VIL for the reading ports.
3. All timing is the same for left and right ports. Port "A" may be either of the four ports and Port "B" is any other port.
2674 drw 11
ADDR"A"
tWC
DATA"B"
MATCH
tWP
R/
W"A"
DATAIN"A"
ADDR"B"
tDH
VALID
MATCH
VALID
tDDD
tWDD
tDW
2674 drw 12
R/
W"A"
BUSY"B"
tWP
tWH
tWB
R/
W"B"
(1)
,
Any Port(1)
R/W
CE
OE
D0-7
Function
X
H
X
Z
Port Deselected: Power-Down
XH
X
Z
CEP1
=CEP2=CEP3=CEP4=VIH
Power Down Mode ISB or ISB1
LL
X
DATAIN
Data on port written into memory(2)
HL
L
DATAOUT
Data in memory output on port
XX
H
Z
Outputs Disabled
2674 tbl 11


Similar Part No. - 7052L25GGB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7052 ETC2-7052 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7052 ETC2-7052 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Molex Electronics Ltd.
70520 MOLEX5-70520 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520 MOLEX11-70520 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520-50 MOLEX5-70520-50 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
More results

Similar Description - 7052L25GGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S Datasheet
99Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com