Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72205LB15JG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 72205LB15JG
Description  CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72205LB15JG Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 72205LB15JG Datasheet HTML 2Page - Integrated Device Technology 72205LB15JG Datasheet HTML 3Page - Integrated Device Technology 72205LB15JG Datasheet HTML 4Page - Integrated Device Technology 72205LB15JG Datasheet HTML 5Page - Integrated Device Technology 72205LB15JG Datasheet HTML 6Page - Integrated Device Technology 72205LB15JG Datasheet HTML 7Page - Integrated Device Technology 72205LB15JG Datasheet HTML 8Page - Integrated Device Technology 72205LB15JG Datasheet HTML 9Page - Integrated Device Technology 72205LB15JG Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
SIGNAL DESCRIPTIONS:
INPUTS:
DATA IN (D0 - D17)
Data inputs for 18-bit wide data.
CONTROLS:
RESET (RS)
ResetisaccomplishedwhenevertheReset(RS)inputistakentoaLOWstate.
During reset, both internal read and write pointers are set to the first location.
Aresetisrequiredafterpower-upbeforeawriteoperationcantakeplace.The
FullFlag(FF),Half-FullFlag(HF)andProgrammableAlmost-FullFlag(PAF)
will be reset to HIGH after tRSF. The Empty Flag (EF) and Programmable
Almost-EmptyFlag(PAE)willberesettoLOWaftertRSF. Duringreset,theoutput
registerisinitializedtoallzerosandtheoffsetregistersareinitializedtotheirdefault
values.
WRITE CLOCK (WCLK)
AwritecycleisinitiatedontheLOW-to-HIGHtransitionoftheWriteClock
(WCLK).DatasetupandholdtimesmustbemetwithrespecttotheLOW-to-HIGH
transitionofWCLK.
The Write and Read Clocks can be asynchronous or coincident.
WRITE ENABLE (WEN)
WhentheWENinput isLOWandLDinputisHIGH,datamaybeloadedinto
the FIFO RAM array on the rising edge of every WCLK cycle if the device is
notfull. DataisstoredintheRAMarraysequentiallyandindependentlyofany
ongoing read operation.
WhenWENisHIGH,nonewdataiswrittenintheRAMarrayoneachWCLK
cycle.
Topreventdataoverflow,FFwillgoLOW,inhibitingfurtherwriteoperations.
Upon the completion of a valid read cycle, FF will go HIGH allowing a write to
occur. The FF flag is updated on the rising edge of WCLK. WEN is ignored
when the FIFO is full.
READ CLOCK (RCLK)
DatacanbereadontheoutputsontheLOW-to-HIGHtransitionoftheRead
Clock (RCLK), when Output Enable (OE) is set LOW.
The Write and Read Clocks can be asynchronous or coincident.
READ ENABLE (REN)
WhenReadEnableisLOWand LDinputisHIGH,dataisloadedfromthe
RAM array into the output register on the rising edge of every RCLK cycle if
the device is not empty.
WhentheRENinputisHIGH,theoutputregisterholdsthepreviousdataand
nonewdataisloadedintotheoutputregister. ThedataoutputsQ0-Qnmaintain
the previous data value.
Every word accessed at Qn, including the first word written to an empty
FIFO,mustberequestedusingREN. Whenthelastwordhasbeenreadfrom
theFIFO,theEmptyFlag(EF)willgoLOW,inhibitingfurtherreadoperations.
REN is ignored when the FIFO is empty. Once a write is performed, EF will
go HIGH allowing a read to occur. The EF flag is updated on the rising edge
of RCLK.
OUTPUT ENABLE (OE)
When Output Enable (OE) is enabled (LOW), the parallel output buffers
receivedatafromtheoutputregister.WhenOEisdisabled(HIGH),theQoutput
databusisinahigh-impedancestate.
LOAD (LD)
The IDT72205LB/72215LB/72225LB/72235LB/72245LB devices con-
tain two 12-bit offset registers with data on the inputs, or read on the outputs.
When the Load (LD) pin is set LOW and WEN is set LOW, data on the inputs
D0-D11 is written into the Empty Offset register on the first LOW-to-HIGH
transition of the Write Clock (WCLK). When the LD pin and (WEN) are held
LOWthendataiswrittenintotheFullOffsetregisteronthesecondLOW-to-HIGH
transitionof(WCLK).Thethirdtransitionofthewriteclock(WCLK)againwrites
totheEmptyOffsetregister.
However,writingalloffsetregistersdoesnothavetooccuratonetime.One
ortwooffsetregisterscanbewrittenandthenbybringingtheLDpinHIGH,the
FIFOisreturnedtonormalread/writeoperation.WhentheLDpinissetLOW,
and WEN is LOW, the next offset register in sequence is written.
EMPTY OFFSET REGISTER
17
11
0
001FH (72205) 003FH (72215):
007FH (72225/72235/72245)
FULL OFFSET REGISTER
17
11
0
DEFAULT VALUE
DEFAULT VALUE
001FH (72205) 003FH (72215):
007FH (72225/72235/72245)
2766 drw 05
Figure 2. Write Offset Register
NOTE:
1. The same selection sequence applies to reading from the registers. REN is enabled and
read is performed on the LOW-to-HIGH transition of RCLK.
Figure 3. Offset Register Location and Default Values
NOTE:
1. Any bits of the offset register not being programmed should be set to zero.
LD
WEN
WCLK
Selection
0
0
Writingtooffsetregisters:
EmptyOffset
FullOffset
0
1
NoOperation
1
0
Write Into FIFO
1
1
NoOperation


Similar Part No. - 72205LB15JG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72205LB15JG RENESAS-72205LB15JG Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
72205LB15JG8 RENESAS-72205LB15JG8 Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
72205LB15JGI RENESAS-72205LB15JGI Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
72205LB15JGI8 RENESAS-72205LB15JGI8 Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - 72205LB15JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com