Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7052L35PFGI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 7052L35PFGI
Description  HIGH-SPEED 2K x 8 FourPort STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7052L35PFGI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 7052L35PFGI Datasheet HTML 4Page - Integrated Device Technology 7052L35PFGI Datasheet HTML 5Page - Integrated Device Technology 7052L35PFGI Datasheet HTML 6Page - Integrated Device Technology 7052L35PFGI Datasheet HTML 7Page - Integrated Device Technology 7052L35PFGI Datasheet HTML 8Page - Integrated Device Technology 7052L35PFGI Datasheet HTML 9Page - Integrated Device Technology 7052L35PFGI Datasheet HTML 10Page - Integrated Device Technology 7052L35PFGI Datasheet HTML 11Page - Integrated Device Technology 7052L35PFGI Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
6.42
IDT7052S/L
High-Speed 2K x 8 FourPort™ Static RAM
Military, Industrial and Commercial Temperature Ranges
11
Ordering Information
Datasheet Document History
1/18/99:
Initiateddatasheetdocumenthistory
Convertedtonewformat
Cosmetictypographicalcorrections
Addedadditionalnotestopinconfigurations
6/4/99:
Changeddrawingformat
Page1
Corrected DSC number
11/10/99:
Replaced IDT logo
11/18/99:
Page 10 Fixed typo in caption for BUSY Input waveform
5/23/00:
Page 4
Increasedstoragetemperatureparameter
ClarifiedTA parameter
Page 5 DCElectricalparameters–changedwordingfrom"open"to"disabled"
Changed ±200mV to 0mV in notes
10/22/01:
Pages 2 & 3 Added date revision for pin configurations
Page 5, 7 & 8 Added Industrial temp to column heading for 25ns speed to DC & AC Electrical Characteristics
Page 11 AddedIndustrialtempofferingto25nsorderinginformation
Page 4, 5, 7 & 8 Removed Industrial temp footnote from all tables
Page 1 & 11 Replace TM logo with ® logo
07/24/06:
Page 1 Added green availability to features
Page 11 Added green indicator to ordering information
01/19/09:
Page 11 Removed "IDT" from orderable part number
02/05/15:
Page 2 RemovedIDTinreferencetofabrication
Page2,3&11ThepackagecodesG108-1&PN120-1changedtoG108&PN120respectivelytomatchstandardpackagecodes
Page 11 Added Tape and Reel to Ordering Information
Page 1&3Removed 132-pin PQF offering from the Features & the pin configuration
Page 11 Removed the 132-pin PQF package from the Ordering Information
NOTES:
1. Industrialtemperaturerangeisavailable.Forspecificspeeds,packagesandpowerscontactyoursalesoffice.
2. Greenpartsavailable.Forspecificspeeds,packagesandpowerscontactyourlocalsalesoffice.


Similar Part No. - 7052L35PFGI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7052 ETC2-7052 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7052 ETC2-7052 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Molex Electronics Ltd.
70520 MOLEX5-70520 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520 MOLEX11-70520 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520-50 MOLEX5-70520-50 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
More results

Similar Description - 7052L35PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S Datasheet
99Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com