Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72205LB10TFGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 72205LB10TFGI
Description  CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72205LB10TFGI Datasheet(HTML) 5 Page - Integrated Device Technology

  72205LB10TFGI Datasheet HTML 1Page - Integrated Device Technology 72205LB10TFGI Datasheet HTML 2Page - Integrated Device Technology 72205LB10TFGI Datasheet HTML 3Page - Integrated Device Technology 72205LB10TFGI Datasheet HTML 4Page - Integrated Device Technology 72205LB10TFGI Datasheet HTML 5Page - Integrated Device Technology 72205LB10TFGI Datasheet HTML 6Page - Integrated Device Technology 72205LB10TFGI Datasheet HTML 7Page - Integrated Device Technology 72205LB10TFGI Datasheet HTML 8Page - Integrated Device Technology 72205LB10TFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0°C to +70°C; Industrial: VCC = 5V ± 10%, TA = -40°C to +85°C)
Commercial
Commercial & Industrial(1)
IDT72205LB10
IDT72205LB15
IDT72205LB25
IDT72215LB10
IDT72215LB15
IDT72215LB25
IDT72225LB10
IDT72225LB15
IDT72225LB25
IDT72235LB10
IDT72235LB15
IDT72235LB25
IDT72245LB10
IDT72245LB15
IDT72245LB25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
40
MHz
tA
DataAccessTime
2
6.5
2
10
2
15
ns
tCLK
Clock Cycle Time
10
15
25
ns
tCLKH
Clock HIGH Time
4.5
6
10
ns
tCLKL
Clock LOW Time
4.5
6
10
ns
tDS
DataSet-upTime
3
4
6
ns
tDH
DataHoldTime
0
1
1
ns
tENS
EnableSet-upTime
3
4
6
ns
tENH
EnableHoldTime
0
1
1
ns
tRS
ResetPulseWidth(2)
10
15
25
ns
tRSS
ResetSet-upTime
8
10
15
ns
tRSR
Reset Recovery Time
8
10
15
ns
tRSF
ResettoFlagandOutputTime
15
20
25
ns
tOLZ
OutputEnabletoOutputinLow-Z(3)
0—
0—
0—
ns
tOE
OutputEnabletoOutputValid
3
6
3
8
3
12
ns
tOHZ
OutputEnabletoOutputinHigh-Z(3)
36
38
3
12
ns
tWFF
Write Clock to Full Flag
6.5
10
15
ns
tREF
Read Clock to Empty Flag
6.5
10
15
ns
tPAF
ClocktoAsynchronousProgrammableAlmost-FullFlag
17
24
26
ns
tPAE
Clock to Programmable Almost-Empty Flag
17
24
26
ns
tHF
Clock to Half-Full Flag
17
24
26
ns
tXO
Clock to Expansion Out
6.5
10
15
ns
tXI
Expansion In Pulse Width
3
6.5
10
ns
tXIS
Expansion In Set-Up Time
3.5
5
10
ns
tSKEW1
Skew time between Read Clock & Write Clock forFull Flag
5
6
10
ns
tSKEW2(2)
Skew time between Read Clock & Write Clock for Empty Flag
5—
6—
10
ns
Input Pulse Levels
GND to 3.0V
InputRise/FallTimes
3ns
InputTimingReferenceLevels
1.5V
OutputReferenceLevels
1.5V
OutputLoad
See Figure 1
AC TEST CONDITIONS
Figure 1. Output Load
* Includes jig and scope capacitances.
30pF*
1.1K
5V
680
Ω
D.U.T.
2766 drw 04
NOTES:
1. Industrial temperature range product for the 15ns and the 25ns speed grades are available as a standard device. All other speed grades are available by special order.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.


Similar Part No. - 72205LB10TFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72205LB10TFGI RENESAS-72205LB10TFGI Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
72205LB10TFGI8 RENESAS-72205LB10TFGI8 Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - 72205LB10TFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com