Electronic Components Datasheet Search |
|
71342SA20JG8 Datasheet(PDF) 9 Page - Integrated Device Technology |
|
71342SA20JG8 Datasheet(HTML) 9 Page - Integrated Device Technology |
9 / 14 page 6.42 IDT71342SA/LA High-Speed 4K x 8 Dual-Port Static RAM with Semaphore Industrial and Commercial Temperature Ranges 9 CE or SEM 2721 drw 10 tAW tAS tWR tDW DATAIN ADDRESS tWC R/ W tWP tDH DATAOUT tWZ (4) (4) tOW OE tHZ tLZ tHZ (9) (6) (7) (2) (3) (7) (7) TIMING WAVEFORM OF WRITE CYCLE NO. 1, R/W CONTROLLED TIMING(1,5,8) Timing Waveform of Write Cycle No. 2, CE Controlled Timing(1, 5) NOTES: 1. R/W or CE must be HIGH during all address transitions. 2. A write occurs during the overlap (tEW or tWP) of either CE or SEM = VIL and R/W = VIL. 3. tWR is measured from the earlier of CE or R/W going HIGH to the end-of-write cycle. 4. During this period, the I/O pins are in the output state, and input signals must not be applied. 5. If the CE LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the High-impedance state. 6. Timing depends on which enable signal (CE or R/W) is asserted last. 7. This parameter is guaranteed by device characterization, but is not production tested. Transition is measured 0mV from steady state with the Output Test Load (Figure 2). 8. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off data to be placed on the bus for the required tDW. If OE is HIGH during an R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified tWP. 9. To access SRAM, CE =VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time. 2721 drw 11 R/ W tWC ADDRESS DATAIN CE or SEM tDW tWR tDH tEW tAS tAW (9) (6) (2) (3) |
Similar Part No. - 71342SA20JG8 |
|
Similar Description - 71342SA20JG8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |