Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

723643L15PFG Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 723643L15PFG
Description  CMOS BUS-MATCHING SyncFIFO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

723643L15PFG Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 723643L15PFG Datasheet HTML 6Page - Integrated Device Technology 723643L15PFG Datasheet HTML 7Page - Integrated Device Technology 723643L15PFG Datasheet HTML 8Page - Integrated Device Technology 723643L15PFG Datasheet HTML 9Page - Integrated Device Technology 723643L15PFG Datasheet HTML 10Page - Integrated Device Technology 723643L15PFG Datasheet HTML 11Page - Integrated Device Technology 723643L15PFG Datasheet HTML 12Page - Integrated Device Technology 723643L15PFG Datasheet HTML 13Page - Integrated Device Technology 723643L15PFG Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
COMMERCIALTEMPERATURERANGE
IDT723623/723633/723643 BUS-MATCHING SyncFIFO™
256 x 36, 512 x 36, 1,024 x 36
A HIGH on the BE/FWFT input when the Reset (RS1) input goes from
LOW to HIGH will select a Big-Endian arrangement. In this case, the most
significantbyte(word)ofthelongwordwrittentoPortAwillbereadfromPort
Bfirst;theleastsignificantbyte(word)ofthelongwordwrittentoPortAwillbe
read from Port B last.
ALOWontheBE/FWFTinputwhentheReset(RS1)inputgoesfromLOW
toHIGHwillselectaLittle-Endianarrangement. Inthiscase,theleastsignificant
byte (word) of the long word written to Port A will be read from Port B first; the
mostsignificantbyte(word)ofthelongwordwrittentoPortAwillbereadfrom
Port B last. Refer to Figure 2 for an illustration of the BE function. See Figure
3 (Reset) for an Endian select timing diagram.
— TIMING MODE SELECTION
AfterReset, theFWFTselectfunctionisactive,permittingachoicebetween
two possible timing modes: IDT Standard mode or First Word Fall Through
(FWFT)mode. OncetheReset(RS1)inputisHIGH,aHIGHontheBE/FWFT
inputduringthenextLOW-to-HIGHtransitionofCLKAandCLKBwillselectIDT
Standard mode. This mode uses the Empty Flag function (EF) to indicate
whether or not there are any words present in the FIFO memory. It uses the
FullFlagfunction(FF)toindicatewhetherornottheFIFOmemoryhasanyfree
space for writing. In IDT Standard mode, every word read from the FIFO,
includingthefirst,mustberequestedusingaformalreadoperation.
OncetheReset(RS1)inputisHIGH,aLOWontheBE/FWFTinputduring
thenextLOW-to-HIGHtransitionofCLKAandCLKBwillselectFWFTmode.
ThismodeusestheOutputReadyfunction(OR)toindicatewhetherornotthere
isvaliddataatthedataoutputs(B0-B35). ItalsousestheInputReadyfunction
(IR)toindicatewhetherornottheFIFOmemoryhasanyfreespaceforwriting.
IntheFWFTmode,thefirstwordwrittentoanemptyFIFOgoesdirectlytodata
outputs,noreadrequestnecessary. Subsequentwordsmustbeaccessedby
performingaformalreadoperation.
Following Reset, the level applied to the BE/FWFT input to choose the
desiredtimingmodemustremainstaticthroughoutFIFOoperation.Referto
Figure 3 (Reset) for a First Word Fall Through select timing diagram.
PROGRAMMING THE ALMOST-EMPTY AND ALMOST-FULL FLAGS
Two registers in the IDT723623/723633/723643 are used to hold the
offsetvaluesfortheAlmost-EmptyandAlmost-Fullflags. TheAlmost-Emptyflag
(AE)OffsetregisterislabeledXandAlmost-Fullflag(AF)Offsetregisterislabeled
Y.Theoffsetregisterscanbeloadedwithpresetvaluesduringtheresetofthe
FIFO, programmed in parallel using the FIFO’s Port A data inputs, or
programmedinserialusingtheSerialData(SD)input(seeTable1).SPM,FS0/
SD and FS1/SEN function the same way in both IDT Standard and FWFT
modes.
— PRESET VALUES
ToloadaFIFO’sAlmost-EmptyflagandAlmost-FullflagOffsetregisters
withoneofthethreepresetvalueslistedinTable1,theSerialProgramMode
(SPM)andatleastoneoftheflag-selectinputsmustbeHIGHduringtheLOW-
to-HIGH transition of the Reset input (RS1). For example, to load the preset
valueof64intoXandY,SPM,FS0andFS1mustbeHIGHwhenRS1returns
HIGH. For the relevant preset value loading timing diagram, see Figure 3.
SIGNAL DESCRIPTION
RESET (RS1/RS2)
Afterpowerup,aResetoperationmustbeperformedbyprovidingaLOW
pulse to RS1 and RS2 simultaneously. Afterwards, the FIFO memory of the
IDT723623/723633/723643 undergoes a complete reset by taking its Reset
(RS1 and RS2) input LOW for at least four Port A clock (CLKA) and four Port
B clock (CLKB) LOW-to-HIGH transitions. The Reset inputs can switch
asynchronously to the clocks. A Reset initializes the internal read and write
pointersandforcestheFull/InputReadyflag(FF/IR)LOW,theEmpty/Output
Readyflag(EF/OR)LOW,theAlmost-Emptyflag(AE)LOW,andtheAlmost-
Fullflag(AF)HIGH. AReset(RS1)alsoforcestheMailboxflag(MBF1)ofthe
parallelmailboxregisterHIGH,andatthesametimetheRS2andMBF2operate
likewise. AfteraReset,theFIFO’sFull/InputReadyflagissetHIGHaftertwo
writeclockcyclestobeginnormaloperation.
ALOW-to-HIGHtransitionontheFlFOReset(RS1)inputlatchesthevalue
of the Big-Endian (BE) input for determining the order by which bytes are
transferredthroughPortB.
ALOW-to-HIGHtransitionontheFlFOReset(RS1)inputalsolatchesthe
values of the Flag Select (FS0, FS1) and Serial Programming Mode (SPM)
inputs for choosing the Almost-Full and Almost-Empty offset programming
method (for details see Table 1, Flag Programming, and Almost-Empty and
Almost-Fullflagoffsetprogramming section).TherelevantReset timingdiagram
can be found in Figure 3.
PARTIAL RESET (PRS)
The FIFO memory of the IDT723623/723633/723643 undergoes a
limitedresetbytakingitsassociatedPartialReset(PRS)inputLOWforatleast
fourPortAclock(CLKA)andfourPortBclock(CLKB)LOW-to-HIGHtransitions.
ThePartialResetinput canswitchasynchronouslytotheclocks. APartialReset
initializestheinternalreadandwritepointersandforcestheFull/InputReady
flag (FF/IR) LOW, the Empty/Output Ready flag (EF/OR) LOW, the Almost-
Emptyflag(AE)LOW,andtheAlmost-Fullflag(AF)HIGH. APartialResetalso
forces the Mailbox flag (MBF1, MBF2) of the parallel mailbox register HIGH.
AfteraPartialReset,theFIFO’sFull/InputReadyflagissetHIGHaftertwoclock
cycles to begin normal operation. See Figure 4, Partial Reset (IDTStandard
and FWFT Modes) for the relevant timing diagram.
Whateverflagoffsets,programmingmethod(parallelorserial),andtiming
mode(FWFTorIDTStandardmode)arecurrentlyselectedat thetimeaPartial
Resetisinitiated,thosesettingswillberemainunchangeduponcompletionof
the reset operation. A Partial Reset may be useful in the case where
reprogramming a FIFO following a Reset would be inconvenient.
BIG-ENDIAN/FIRST WORD FALL THROUGH (BE/FWFT)
— ENDIAN SELECTION
Thisisadualpurposepin. AtthetimeofReset,theBEselectfunctionis
active,permittingachoiceofBig-orLittle-Endianbytearrangementfordataread
fromPortB. Thisselectiondeterminestheorderbywhichbytes(orwords)of
dataaretransferredthroughthisport. Forthefollowingillustrations,assumethat
a byte (or word) bus size has been selected for Port B. (Note that when Port
Bisconfiguredforalongwordsize,theBig-Endianfunctionhasnoapplication
and the BE input is a “don’t care”1.)
NOTE:
1. Either a HIGH or LOW can be applied to a “don’t care” input with no change to the logical operation of the FIFO. Nevertheless, inputs that are temporarily “don’t care” (along with unused
inputs) must not be left open, rather they must be either HIGH or LOW.


Similar Part No. - 723643L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
723643L15PFG RENESAS-723643L15PFG Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
723643L15PFG8 RENESAS-723643L15PFG8 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
More results

Similar Description - 723643L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723656 IDT-IDT723656_09 Datasheet
341Kb / 39P
   CMOS TRIPLE BUS SyncFIFO
IDT723626 IDT-IDT723626_14 Datasheet
510Kb / 35P
   CMOS TRIPLE BUS SyncFIFO
logo
Renesas Technology Corp
IDT723616 RENESAS-IDT723616 Datasheet
570Kb / 27P
   CMOS TRIPLE BUS SyncFIFO™ WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36 x 2
FEBRUARY 2009
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com