Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72220L25TPG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 72220L25TPG
Description  CMOS SyncFIFO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72220L25TPG Datasheet(HTML) 4 Page - Integrated Device Technology

  72220L25TPG Datasheet HTML 1Page - Integrated Device Technology 72220L25TPG Datasheet HTML 2Page - Integrated Device Technology 72220L25TPG Datasheet HTML 3Page - Integrated Device Technology 72220L25TPG Datasheet HTML 4Page - Integrated Device Technology 72220L25TPG Datasheet HTML 5Page - Integrated Device Technology 72220L25TPG Datasheet HTML 6Page - Integrated Device Technology 72220L25TPG Datasheet HTML 7Page - Integrated Device Technology 72220L25TPG Datasheet HTML 8Page - Integrated Device Technology 72220L25TPG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
COMMERCIALTEMPERATURERANGE
IDT72420/72200/72210/72220/72230/72240 CMOS SYNCFIFO™
64 x 8, 256 x 8, 512 x 8, 1,024 x 8, 2,048 x 8, 4,096 x 8
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to + 70°C)
Commercial
IDT72420L10
IDT72420L15
IDT72420L25
IDT72200L10
IDT72200L15
IDT72200L25
IDT72210L10
IDT72210L15
IDT72210L25
IDT72220L10
IDT72220L15
IDT72220L25
IDT72230L10
IDT72230L15
IDT72230L25
IDT72240L10
IDT72240L15
IDT72240L25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
40
MHz
tA
DataAccessTime
2
6.5
2
10
2
15
ns
tCLK
Clock Cycle Time
10
15
25
ns
tCLKH
Clock High Time
4.5
6
10
ns
tCLKL
Clock Low Time
4.5
6
10
ns
tDS
DataSetupTime
3
4
6
ns
tDH
DataHoldTime
0.5
1
1
ns
tENS
EnableSetupTime
3
4
6
ns
tENH
EnableHoldTime
0.5
1
1
ns
tRS
ResetPulseWidth(1)
10
15
15
ns
tRSS
ResetSetupTime
8
10
15
ns
tRSR
Reset Recovery Time
8
10
15
ns
tRSF
ResettoFlagandOutputTime
10
15
25
ns
tOLZ
OutputEnabletoOutputinLow-Z(2)
0
0—
0—
ns
tOE
OutputEnabletoOutputValid
2
6
3
8
3
13
ns
tOHZ
OutputEnabletoOutputinHigh-Z(2)
2
6
383
13
ns
tWFF
Write Clock to Full Flag
6.5
10
15
ns
tREF
Read Clock to Empty Flag
6.5
10
15
ns
tAF
Write Clock to Almost-Full Flag
6.5
10
15
ns
tAE
Read Clock to Almost-Empty Flag
6.5
10
15
ns
tSKEW1
Skew time between Read Clock & Write Clock for
4
6
10
ns
Empty Flag & Full Flag
tSKEW2
Skew time between Read Clock & Write Clock for
10
15
18
ns
Almost-Empty Flag & Almost-Full Flag
NOTES:
1. Pulse widths less than minimum values are not allowed.
2. Values guaranteed by design, not currently tested.
or equivalent circuit
Figure 1. Output Load
*Includes jig and scope capacitances.
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
10
pF
COUT
Output Capacitance
VOUT = 0V
10
pF
(1, 2)
(2)
NOTES:
1. With output deselected. (OE
≥ VIH)
2. Characterized values, not currently tested.
AC TEST CONDITIONS
CAPACITANCE (TA = +25°C, f = 1.0 MHz)
30pF*
1.1K
Ω
5V
680
Ω
D.U.T.
2680 drw03


Similar Part No. - 72220L25TPG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72220L25TPG RENESAS-72220L25TPG Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 72220L25TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com