Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

723633L12PFG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 723633L12PFG
Description  CMOS BUS-MATCHING SyncFIFO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

723633L12PFG Datasheet(HTML) 4 Page - Integrated Device Technology

  723633L12PFG Datasheet HTML 1Page - Integrated Device Technology 723633L12PFG Datasheet HTML 2Page - Integrated Device Technology 723633L12PFG Datasheet HTML 3Page - Integrated Device Technology 723633L12PFG Datasheet HTML 4Page - Integrated Device Technology 723633L12PFG Datasheet HTML 5Page - Integrated Device Technology 723633L12PFG Datasheet HTML 6Page - Integrated Device Technology 723633L12PFG Datasheet HTML 7Page - Integrated Device Technology 723633L12PFG Datasheet HTML 8Page - Integrated Device Technology 723633L12PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
COMMERCIALTEMPERATURERANGE
IDT723623/723633/723643 BUS-MATCHING SyncFIFO™
256 x 36, 512 x 36, 1,024 x 36
PIN DESCRIPTIONS
Symbol
Name
I/O
Description
A0-A35
Port A Data
I/O
36-bitbidirectionaldataportforsideA.
AE
Almost-Empty
O
Programmable Almost-Empty flag synchronized to CLKB. It is LOW when the number of words in the FIFO
Flag (Port B)
is less than or equal to the value in the Almost-Empty B offset register, X.
AF
Almost-Full
O
ProgrammableAlmost-FullflagsynchronizedtoCLKA.ItisLOWwhenthenumberofemptylocationsinthe
Flag (Port A)
FIFO is less than or equal to the value in the Almost-Full A offset register, Y.
B0-B35
Port B Data
I/O
36-bitbidirectionaldataportforsideB.
BE/FWFT
Big-Endian/
I
This is a dual purpose pin. During Master Reset, a HIGH on BE will select Big-Endian operation. In this case,
FirstWord
depending on the bus size, the most significant byte or word written to Port A is read from Port B first. A
Fall Through
LOW on BE will select Little-Endian operation. In this case, the least significant byte or word written to Port A
is read from Port B first. After Master Reset, this pin selects the timing mode. A HIGH on FWFT selects IDT
Standard mode, a LOW selects First Word Fall Through mode. Once the timing mode has been selected, the
level on FWFT must be static throughout device operation.
BM(1)
Bus-Match
I
A HIGH on this pin enables either byte or word bus width on Port B, depending on the state of SIZE. A
Select(PortB)
LOW selects long word operation. BM works with SIZE and BE to select the bus size and endian
arrangement for Port B. The level of BM must be static throughout device operation.
CLKA
Port A Clock
I
CLKA is a continuous clock that synchronizes all data transfers through Port A and can be asynchronous or
coincident to CLKB. FF/IR and AF are synchronized to the LOW-to-HIGH transition of CLKA.
CLKB
Port B Clock
I
CLKB is a continuous clock that synchronizes all data transfers through Port B and can be asynchronous or
coincident to CLKA. EF/OR and AE are synchronized to the LOW-to-HIGH transition of CLKB.
CSA
Port A Chip
I
CSA must be LOW to enable to LOW-to-HIGH transition of CLKA to read or write on Port A. The A0-A35
Select
outputs are in the high-impedance state when CSA is HIGH.
CSB
Port B Chip
I
CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read or write on Port B. The B0-B35
Select
outputs are in the high-impedance state when CSB is HIGH.
EF/OR
Empty/Output
O
This is a dual function pin. In the IDT Standard mode, the EF function is selected. EF indicates whether or
Ready Flag
nottheFIFOmemoryisempty. IntheFWFTmode,theORfunctionisselected.ORindicatesthepresenceofvalid
(Port B)
dataontheB0-B35outputs,availableforreading.EF/ORissynchronizedtotheLOW-to-HIGHtransitionofCLKB.
ENA
Port A Enable
I
ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on Port A.
ENB
Port B Enable
I
ENB must be HIGH to enable a LOW-to-HIGH transition of CLKB to read or write data on Port B.
FF/IR
Full/Input
O
This is a dual function pin. In the IDT Standard mode, the FF function is selected. FF indicates whether or
Ready Flag
not the FIFO memory is full. In the FWFT mode, the IR function is selected. IR indicates whether or not there
(Port A)
is space available for writing to the FIFO memory. FF/IR is synchronized to the LOW-to-HIGH transition of
CLKA.
FS1/SEN
FlagOffset
I
FS1/SEN and FS0/SD are dual-purpose inputs used for flag offset register programming. During Reset,
Select1/
FS1/SENandFS0/SD,togetherwithSPM,selecttheflagoffsetprogrammingmethod.Threeoffsetregister
SerialEnable,
programming methods are available: automatically load one of three preset values (8, 16, or 64), parallel
load from Port A, and serial load.
FS0/SD
FlagOffset
I
When serial load is selected for flag offset register programming, FS1/SEN is used as an enable synchronous
Select0/
to the LOW-to-HIGH transition of CLKA. When FS1/SEN is LOW, a rising edge on CLKA load the bit present
SerialData
on FS0/SD into the X and Y registers. The number of bit writes required to program the offset registers is 16
for the IDT723623, 18 for the IDT723633, and 20 for the IDT723643. The first bit write stores the Y-register
MSB and the last bit write stores the X-register LSB.
MBA
Port A Mailbox
I
A HIGH level on MBA chooses a mailbox register for a Port A read or write operation.
Select
MBB
Port B Mailbox
I
A HIGH level on MBB chooses a mailbox register for a Port B read or write operation. When the B0-B35
Select
outputs are active, a HIGH level on MBB selects data from the mail1 register for output and a LOW level
selectsFIFOdataforoutput.
MBF1
Mail1Register
O
MBF1 is set LOW by a LOW-to-HIGH transition of CLKA that writes data to the mail1 register. Writes to
Flag
the mail1 register are inhibited while MBF1 is LOW. MBF1 is set HIGH by a LOW-to-HIGH transition of CLKB
when a Port B read is selected and MBB is HIGH. MBF1 is set HIGH following either a Reset (RS1) or Partial
Reset (PRS).


Similar Part No. - 723633L12PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
723633L12PFG RENESAS-723633L12PFG Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
723633L12PFG8 RENESAS-723633L12PFG8 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
More results

Similar Description - 723633L12PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723656 IDT-IDT723656_09 Datasheet
341Kb / 39P
   CMOS TRIPLE BUS SyncFIFO
IDT723626 IDT-IDT723626_14 Datasheet
510Kb / 35P
   CMOS TRIPLE BUS SyncFIFO
logo
Renesas Technology Corp
IDT723616 RENESAS-IDT723616 Datasheet
570Kb / 27P
   CMOS TRIPLE BUS SyncFIFO™ WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36 x 2
FEBRUARY 2009
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com