Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72261LA15PFGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 72261LA15PFGI
Description  CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72261LA15PFGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 72261LA15PFGI Datasheet HTML 2Page - Integrated Device Technology 72261LA15PFGI Datasheet HTML 3Page - Integrated Device Technology 72261LA15PFGI Datasheet HTML 4Page - Integrated Device Technology 72261LA15PFGI Datasheet HTML 5Page - Integrated Device Technology 72261LA15PFGI Datasheet HTML 6Page - Integrated Device Technology 72261LA15PFGI Datasheet HTML 7Page - Integrated Device Technology 72261LA15PFGI Datasheet HTML 8Page - Integrated Device Technology 72261LA15PFGI Datasheet HTML 9Page - Integrated Device Technology 72261LA15PFGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72261LA/72271LA SuperSync FIFO™
16,384 x 9 and 32,768 x 9
4671 drw 04
1.1K
30pF*
680
Ω
5V
D.U.T.
Commercial
Commercial & Industrial(2)
IDT72261LA10
IDT72261LA15
IDT72261LA20
IDT72271LA10
IDT72271LA15
IDT72271LA20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
50
MHz
tA
DataAccessTime
2
8
2
10
2
12
ns
tCLK
Clock Cycle Time
10
15
20
ns
tCLKH
Clock High Time
4.5
6
8
ns
tCLKL
Clock Low Time
4.5
6
8
ns
tDS
DataSetupTime
3
4
5
ns
tDH
DataHoldTime
0
1
1
ns
tENS
EnableSetupTime
3
4
5
ns
tENH
EnableHoldTime
0
1
1
ns
tLDS
LoadSetupTime
3
4
5
ns
tLDH
LoadHoldTime
0
1
1
ns
tRS
ResetPulseWidth(3)
10
15
20
ns
tRSS
ResetSetupTime
10
15
20
ns
tRSR
Reset Recovery Time
10
15
20
ns
tRSF
ResettoFlagandOutputTime
10
15
20
ns
tFWFT
ModeSelectTime
0
0
0
ns
tRTS
RetransmitSetupTime
3
4
5
ns
tOLZ
Output Enable to Output in Low Z(4)
0
0—
0—
ns
tOE
OutputEnabletoOutputValid
2
6
3
8
3
10
ns
tOHZ
Output Enable to Output in High Z(4)
2
638
3
10
ns
tWFF
Write Clock to FF or IR
—8
10
12
ns
tREF
Read Clock to EF or OR
—8
10
12
ns
tPAF
Write Clock to PAF
—8
10
12
ns
tPAE
Read Clock to PAE
—8
10
12
ns
tHF
Clock to HF
—16
20
22
ns
tSKEW1
Skew time between RCLK and WCLK for FF/IR
5—
6
10
ns
tSKEW2
Skew time between RCLK and WCLK for PAE and PAF
12
15
20
ns
tSKEW3
Skew time between RCLK and WCLK for EF/OR
60
60
60
ns
tSKEW4
Skew time between RCLK and WCLK for PAE and PAF
15
17
25
ns
forRe-transmitoperation
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C)
NOTES:
1. All AC timings apply to both Standard IDT mode and First Word Fall Through mode.
2. Industrial temperature range product for 15ns and 20ns speed grades are available as a standard device.
3. Pulse widths less than minimum values are not allowed.
4. Values guaranteed by design, not currently tested.
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1
AC TEST CONDITIONS
Figure 2. Output Load
* Includes jig and scope capacitances.


Similar Part No. - 72261LA15PFGI

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7226 GILWAY-7226 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Integrated Device Techn...
72265LA10PFG IDT-72265LA10PFG Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
72265LA10PFG8 IDT-72265LA10PFG8 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
72265LA10PFGI IDT-72265LA10PFGI Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
72265LA10PFGI8 IDT-72265LA10PFGI8 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
More results

Similar Description - 72261LA15PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72291 IDT-IDT72291 Datasheet
277Kb / 26P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com