Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70261L55PFG8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 70261L55PFG8
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70261L55PFG8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 70261L55PFG8 Datasheet HTML 2Page - Integrated Device Technology 70261L55PFG8 Datasheet HTML 3Page - Integrated Device Technology 70261L55PFG8 Datasheet HTML 4Page - Integrated Device Technology 70261L55PFG8 Datasheet HTML 5Page - Integrated Device Technology 70261L55PFG8 Datasheet HTML 6Page - Integrated Device Technology 70261L55PFG8 Datasheet HTML 7Page - Integrated Device Technology 70261L55PFG8 Datasheet HTML 8Page - Integrated Device Technology 70261L55PFG8 Datasheet HTML 9Page - Integrated Device Technology 70261L55PFG8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6.42
IDT70261S/L
High-Speed 16K x 16 Dual-Port Static RAM with Interrupt
Industrial and Commercial Temperature Ranges
6
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM, CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL.
4. 'X' in part numbers indicates power rating (S or L).
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(4)
70261X15
Com'l Only
70261X20
Com'l & Ind
70261X25
Com'l & Ind
Unit
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
15
____
20
____
25
____
ns
tAA
Address Access Time
____
15
____
20
____
25
ns
tACE
Chip Enable Access Time(3)
____
15
____
20
____
25
ns
tABE
Byte Enable Access Time(3)
____
15
____
20
____
25
ns
tAOE
Output Enable Access Time
____
10
____
12
____
13
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
12
____
15
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
15
____
20
____
25
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)10
____
10
____
12
____
ns
tSAA
Semaphore Address Access Time
____
15
____
20
____
25
ns
3039 tbl 12a
70261X35
Com'l Only
70261X55
Com'l Only
Unit
Symbol
Parameter
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
35
____
55
____
ns
tAA
Address Access Time
____
35
____
55
ns
tACE
Chip Enable Access Time(3)
____
35
____
55
ns
tABE
Byte Enable Access Time(3)
____
35
____
55
ns
tAOE
Output Enable Access Time
____
20
____
30
ns
tOH
Output Hold from Address Change
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
15
____
25
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
35
____
50
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)15
____
15
____
ns
tSAA
Semaphore Address Access Time
____
35
____
55
ns
3039 tbl 12b


Similar Part No. - 70261L55PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70261L55PFG8 IDT-70261L55PFG8 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 70261L55PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70261S RENESAS-70261S Datasheet
509Kb / 21P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
JULY 2019
logo
Integrated Device Techn...
IDT70261S IDT-IDT70261S_09 Datasheet
167Kb / 19P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT70261S IDT-IDT70261S Datasheet
245Kb / 19P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com