Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70261L35PFG8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 70261L35PFG8
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70261L35PFG8 Datasheet(HTML) 2 Page - Integrated Device Technology

  70261L35PFG8 Datasheet HTML 1Page - Integrated Device Technology 70261L35PFG8 Datasheet HTML 2Page - Integrated Device Technology 70261L35PFG8 Datasheet HTML 3Page - Integrated Device Technology 70261L35PFG8 Datasheet HTML 4Page - Integrated Device Technology 70261L35PFG8 Datasheet HTML 5Page - Integrated Device Technology 70261L35PFG8 Datasheet HTML 6Page - Integrated Device Technology 70261L35PFG8 Datasheet HTML 7Page - Integrated Device Technology 70261L35PFG8 Datasheet HTML 8Page - Integrated Device Technology 70261L35PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
6.42
IDT70261S/L
High-Speed 16K x 16 Dual-Port Static RAM with Interrupt
Industrial and Commercial Temperature Ranges
2
Pin Configurations(1,2,3)
Pin Names
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
Description
The IDT70261 is a high-speed 16K x 16 Dual-Port Static RAM. The
IDT70261isdesignedtobeusedasastand-aloneDual-PortRAMoras
acombinationMASTER/SLAVEDual-PortRAMfor32-bit-or-moreword
systems.UsingtheIDTMASTER/SLAVEDual-PortRAMapproachin32-
bitorwidermemorysystemapplicationsresultsinfull-speed,error-free
operationwithouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
featurecontrolledbyCEpermitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
Fabricated using CMOS high-performance technology, these de-
vices typically operate on only 750mW of power.
The IDT70261 is packaged in a 100-pin TQFP.
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 97 96 95 94 93 9291 9089 8887 86 85 8483 82 8180 79 78 77 76
N/C
N/C
N/C
N/C
I/O10L
I/O11L
I/O12L
I/O13L
GND
I/O14L
I/O15L
VCC
GND
I/O0R
I/O1R
I/O2R
I/O3R
VCC
I/O4R
I/O5R
I/O6R
N/C
N/C
N/C
N/C
3039 drw 02
N/C
N/C
N/C
A5L
A4L
A3L
A2L
A1L
A0L
INTL
GND
M/
S
BUSYR
INTR
A0R
N/C
N/C
N/C
BUSYL
A1R
A2R
A3R
A4R
IDT70261PF
PN100(4)
100-Pin TQFP
Top View(5)
A6L
A5R
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A13L
A0R - A13R
Address
I/O0L - I/O15L
I/O0R - I/O15R
Data Input/Output
SEML
SEMR
Semaphore Enable
UBL
UBR
Upper Byte Select
LBL
LBR
Lower Byte Select
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VCC
Power
GND
Ground
3039 tbl 01


Similar Part No. - 70261L35PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70261L35PFG8 IDT-70261L35PFG8 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 70261L35PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70261S RENESAS-70261S Datasheet
509Kb / 21P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
JULY 2019
logo
Integrated Device Techn...
IDT70261S IDT-IDT70261S_09 Datasheet
167Kb / 19P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT70261S IDT-IDT70261S Datasheet
245Kb / 19P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com