Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

723632L15PFG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 723632L15PFG
Description  CMOS SyncBiFIFO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

723632L15PFG Datasheet(HTML) 2 Page - Integrated Device Technology

  723632L15PFG Datasheet HTML 1Page - Integrated Device Technology 723632L15PFG Datasheet HTML 2Page - Integrated Device Technology 723632L15PFG Datasheet HTML 3Page - Integrated Device Technology 723632L15PFG Datasheet HTML 4Page - Integrated Device Technology 723632L15PFG Datasheet HTML 5Page - Integrated Device Technology 723632L15PFG Datasheet HTML 6Page - Integrated Device Technology 723632L15PFG Datasheet HTML 7Page - Integrated Device Technology 723632L15PFG Datasheet HTML 8Page - Integrated Device Technology 723632L15PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
IDT723622/723632/723642 CMOS SyncBiFIFO™
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
COMMERCIALTEMPERATURERANGE
TQFP (PNG120, order code: PF)
TOP VIEW
DESCRIPTION (CONTINUED)
PIN CONFIGURATION
3022 drw 03
A35
A34
A33
A32
VCC
A31
A30
GND
A29
A28
A27
A26
A25
A24
A23
GND
A22
VCC
A21
A20
A19
A18
GND
A17
A16
A15
A14
A13
VCC
A12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
B35
B34
B33
B32
GND
B31
B30
B29
B28
B27
B26
VCC
B25
B24
GND
B23
B22
B21
B20
B19
B18
GND
B17
B16
VCC
B15
B14
B13
B12
GND
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
coincident. The enables for each port are arranged to provide a simple
bidirectional interface between microprocessors and/or buses with syn-
chronous control.
Each FIFO has a programmable Almost-Empty flag (AEA and AEB)
and a progammable Almost-Full flag (AFA and AFB). AEA and AEB
indicate when a selected number of words remain in the FIFO memory.
AFA and AFB indicate when the FIFO contains more than a selected
number of words.
The Input Ready (IRA, IRB) and Almost-Full (AFA, AFB) flags of a FIFO
aretwo-stagesynchronizedtotheportclockthatwritesdataintoitsarray.The
OutputReady(ORA,ORB)andAlmost-Empty(AEA,AEB)flagsofaFIFOare
two-stagesynchronizedtotheportclockthatreadsdatafromitsarray.Offset
values for the Almost-Full and Almost-Empty flags of both FIFOs can be
programmedfromPortA.
Two or more devices may be used in parallel to create wider data paths.
If, at any time, the FIFO is not actively performing a function, the chip will
automatically power down. During the power down state, supply current
consumption(ICC)isataminimum.Initiatinganyoperation(byactivatingcontrol
inputswillimmediatelytakethedeviceoutofthepowerdownstate.
The 723622/723632/723642 are characterized for operation from
0
°C to 70°C. They are fabricated using high speed, submicron CMOS
technology.


Similar Part No. - 723632L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
723632L15PFG RENESAS-723632L15PFG Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
723632L15PFG8 RENESAS-723632L15PFG8 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
More results

Similar Description - 723632L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT723624 IDT-IDT723624_13 Datasheet
525Kb / 35P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT723654 IDT-IDT723654 Datasheet
406Kb / 37P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com