Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7024L55GGB8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 7024L55GGB8
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7024L55GGB8 Datasheet(HTML) 1 Page - Integrated Device Technology

  7024L55GGB8 Datasheet HTML 1Page - Integrated Device Technology 7024L55GGB8 Datasheet HTML 2Page - Integrated Device Technology 7024L55GGB8 Datasheet HTML 3Page - Integrated Device Technology 7024L55GGB8 Datasheet HTML 4Page - Integrated Device Technology 7024L55GGB8 Datasheet HTML 5Page - Integrated Device Technology 7024L55GGB8 Datasheet HTML 6Page - Integrated Device Technology 7024L55GGB8 Datasheet HTML 7Page - Integrated Device Technology 7024L55GGB8 Datasheet HTML 8Page - Integrated Device Technology 7024L55GGB8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
©2013 Integrated Device Technology, Inc.
JUNE 2013
DSC 2740/14
IDT7024S/L
HIGH-SPEED
4K x 16 DUAL-PORT
STATIC RAM
IDT7024 easily expands data bus width to 32 bits or more
using the Master/Slave select when cascading more than
one device
M/
S = H for BUSY output flag on Master
M/
S = L for BUSY input on Slave
Interrupt Flag
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
Battery backup operation—2V data retention
TTL-compatible, single 5V (±10%) power supply
Available in 84-pin PGA, Flatpack, PLCC, and 100-pin Thin
Quad Flatpack
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Green parts availble, see ordering information
Functional Block Diagram
Features
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
High-speed access
– Military: 20/25/35/55/70ns (max.)
– Industrial: 55ns (max.)
– Commercial: 15/17/20/25/35/55ns (max.)
Low-power operation
– IDT7024S
Active: 750mW (typ.)
Standby: 5mW (typ.)
– IDT7024L
Active: 750mW (typ.)
Standby: 1mW (typ.)
Separate upper-byte and lower-byte control for multiplexed
bus compatibility
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
BUSYL
A11L
A0L
2740 drw 01
UBL
LBL
CEL
OEL
I/O8L-I/O15L
I/O0L-I/O7L
CEL
OEL
R/
WL
SEML
INTL
M/
S
R/
WR
BUSYR
UBR
LBR
CER
OER
I/O8R-I/O15R
I/O0R-I/O7R
A11R
A0R
R/
WR
SEMR
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
12
12
NOTES:
1. (MASTER):
BUSY is output; (SLAVE): BUSY is input.
2.
BUSY outputs and INT outputs are non-tri-stated push-pull.


Similar Part No. - 7024L55GGB8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7024L55GGB8 IDT-7024L55GGB8 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 7024L55GGB8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com