Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7035L20PFG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 7035L20PFG
Description  HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7035L20PFG Datasheet(HTML) 1 Page - Integrated Device Technology

  7035L20PFG Datasheet HTML 1Page - Integrated Device Technology 7035L20PFG Datasheet HTML 2Page - Integrated Device Technology 7035L20PFG Datasheet HTML 3Page - Integrated Device Technology 7035L20PFG Datasheet HTML 4Page - Integrated Device Technology 7035L20PFG Datasheet HTML 5Page - Integrated Device Technology 7035L20PFG Datasheet HTML 6Page - Integrated Device Technology 7035L20PFG Datasheet HTML 7Page - Integrated Device Technology 7035L20PFG Datasheet HTML 8Page - Integrated Device Technology 7035L20PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
©2015 Integrated Device Technology, Inc.
JUNE 2015
DSC 4088/10
1
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/WL
BUSYL
A12L
A0L
4088 drw 01
UBL
LBL
CEL
OEL
I/O9L-I/O17L
I/O0L-I/O8L
CEL
OEL
R/WL
SEML
INTL
M/S
R/WR
BUSYR
UBR
LBR
CER
OER
I/O9R-I/O17R
I/O0R-I/O8R
A12R
A0R
R/WR
SEMR
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
13
13
IDT7035S/L
HIGH-SPEED
8K x 18 DUAL-PORT
STATIC RAM
Features
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
High-speed access
– Commercial: 15/20ns (max.)
– Industrial: 20ns (max.)
Low-power operation
– IDT7035S
Active: 800mW (typ.)
Standby: 5mW (typ.)
– IDT7035L
Active: 800mW (typ.)
Standby: 1mW (typ.)
Separate upper-byte and lower-byte control for multiplexed
bus compatibility
IDT7035 easily expands data bus width to 36 bits or more
using the Master/Slave select when cascading more than
one device
M/S = H for BUSY output flag on Master
M/S = L for BUSY input on Slave
Interrupt Flag
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
Battery backup operation—2V data retention
TTL-compatible, single 5V (±10%) power supply
Available in 100-pin Thin Quad Flatpack
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Green parts available. See ordering information
Functional Block Diagram
NOTES:
1. (MASTER): BUSY is output; (SLAVE): BUSY is input.
2. BUSY outputs and INT outputs are non-tri-stated push-pull.


Similar Part No. - 7035L20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7035L20PFG IDT-7035L20PFG Datasheet
188Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L20PFG8 IDT-7035L20PFG8 Datasheet
188Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L20PFGI IDT-7035L20PFGI Datasheet
188Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L20PFGI8 IDT-7035L20PFGI8 Datasheet
188Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results

Similar Description - 7035L20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7035S IDT-IDT7035S_18 Datasheet
188Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S Datasheet
192Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com