Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72421 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72421
Description  CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72421 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72421_13 Datasheet HTML 2Page - Integrated Device Technology IDT72421_13 Datasheet HTML 3Page - Integrated Device Technology IDT72421_13 Datasheet HTML 4Page - Integrated Device Technology IDT72421_13 Datasheet HTML 5Page - Integrated Device Technology IDT72421_13 Datasheet HTML 6Page - Integrated Device Technology IDT72421_13 Datasheet HTML 7Page - Integrated Device Technology IDT72421_13 Datasheet HTML 8Page - Integrated Device Technology IDT72421_13 Datasheet HTML 9Page - Integrated Device Technology IDT72421_13 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72421/72201/72211/72221/72231/72241/72251 CMOS SyncFIFO™
64 x 9, 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
6
©
Figure 3. Offset Register Location and Default Values
86
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
87
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
7
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB)
Default Value 007H
IDT72421 - 64 x 9-BIT
IDT72201 - 256 x 9-BIT
IDT72211 - 512 x 9-BIT
7
7
80
(MSB)
1
80
0
0
80
87
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
7
87
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Empty Offset (LSB)
Default Value 007H
IDT72221 - 1,024 x 9-BIT
IDT72231 - 2,048 x 9-BIT
IDT72241 - 4,096 x 9-BIT
7
80
80
(MSB)
0000
2
(MSB)
000
3
80
(MSB)
00
1
80
(MSB)
00
1
5
65
80
8
0
8
(MSB)
1
0
IDT72251 8,192 x 9-BIT
80
Empty Offset (LSB)
Default Value 007H
7
80
(MSB)
00000
4
87
0
Full Offset (LSB) Reg.
Default Value 007H
80
2
(MSB)
000
80
Full Offset (LSB)
Default Value 007H
7
80
(MSB)
0000
3
80
Full Offset (LSB)
Default Value 007H
7
80
(MSB)
00000
4
2655 drw 05
Thecontentsoftheoffsetregisterscanbereadontheoutputlineswhenthe
WriteEnable2/Load(WEN2/LD)pinissetLOWandbothReadEnables(REN1,
REN2) are set LOW. Data can be read on the LOW-to-HIGH transition of the
Read Clock (RCLK).
A read and write should not be performed simultaneously to the offset
registers.


Similar Part No. - IDT72421_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421L10J IDT-IDT72421L10J Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L10JI IDT-IDT72421L10JI Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L10PF IDT-IDT72421L10PF Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L10PFI IDT-IDT72421L10PFI Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L12J IDT-IDT72421L12J Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results

Similar Description - IDT72421_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com