Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72265LA10PFGI8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 72265LA10PFGI8
Description  CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72265LA10PFGI8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 72265LA10PFGI8 Datasheet HTML 4Page - Integrated Device Technology 72265LA10PFGI8 Datasheet HTML 5Page - Integrated Device Technology 72265LA10PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72265LA10PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72265LA10PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72265LA10PFGI8 Datasheet HTML 9Page - Integrated Device Technology 72265LA10PFGI8 Datasheet HTML 10Page - Integrated Device Technology 72265LA10PFGI8 Datasheet HTML 11Page - Integrated Device Technology 72265LA10PFGI8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
IDT72255LA/72265LA CMOS SuperSync FIFO™
8,192 x 18 and 16,384 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
PROGRAMMING FLAG OFFSETS
Full and Empty Flag offset values are user programmable. The
IDT72255LA/72265LA has internal registers for these offsets. Default set-
tings are stated in the footnotes of Table 1 and Table 2. Offset values can be
programmed into the FIFO in one of two ways; serial or parallel loading
method. The selection of the loading method is done using the LD (Load)
pin. During Master Reset, the state of the LD input determines whether
serial or parallel flag offset programming is enabled. A HIGH on LD during
Master Reset selects serial loading of offset values and in addition, sets a
default PAE offset value of 3FFH (a threshold 1,023 words from the empty
boundary), and a default PAF offset value of 3FFH (a threshold 1,023
words from the full boundary). A LOW on LD during Master Reset selects
parallel loading of offset values, and in addition, sets a default PAE offset
IDT72255LA
IDT72265LA
FF PAF HF PAE EF
00
H
H
H
L
L
1 to n (1)
1 to n (1)
HH
H
L
H
(n + 1) to 4,096
(n + 1) to 8,192
H
H
H
H
H
4,097 to (8,192–(m+1))
8,193 to (16,384–(m+1))
HH
L
H
H
(8,192–m)(2) to 8,191
(16,384–m) (2) to 16,383
H
L
L
H
H
8,192
16,384
L
L
L
H
H
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
TABLE 1 — STATUS FLAGS FOR IDT STANDARD MODE
Number of
Words in
FIFO
IDT72255LA
IDT72265LA
FF PAF HF PAE EF
00
L
H
H
L
H
1 to n+1 (1)
1 to n+1 (1)
LH
H
L
L
(n + 2) to 4,097
(n + 2) to 8,193
L
H
H
H
L
4,098 to (8,193–(m+1))(2)
8,194 to (16,385–(m+1)) (2)
LH
L
H
L
(8,193–m) to 8,192
(16,385–m) (2) to 16,384
L
L
L
H
L
8,193
16,385
H
L
L
H
L
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
TABLE 2 — STATUS FLAGS FOR FWFT MODE
Number of
Words in
FIFO (1)
value of 07FH (a threshold 127 words from the empty boundary), and a
default PAF offset value of 07FH (a threshold 127 words from the full
boundary). See Figure 3, Offset Register Location and Default Values.
In addition to loading offset values into the FIFO, it also possible to read
the current offset values. It is only possible to read offset values via parallel
read.
Figure 4, Programmable Flag Offset Programming Sequence, summa-
rizes the control pins and sequence for both serial and parallel program-
ming modes. For a more detailed description, see discussion that follows.
The offset registers may be programmed (and reprogrammed) any time
after Master Reset, regardless of whether serial or parallel programming
has been selected.


Similar Part No. - 72265LA10PFGI8

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7226 GILWAY-7226 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Integrated Device Techn...
72261LA10PFG IDT-72261LA10PFG Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
72261LA10PFG8 IDT-72261LA10PFG8 Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
72261LA10PFGI IDT-72261LA10PFGI Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
72261LA10PFGI8 IDT-72261LA10PFGI8 Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
More results

Similar Description - 72265LA10PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72291 IDT-IDT72291 Datasheet
277Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA_13 Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com