Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7034L20PFG Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 7034L20PFG
Description  HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7034L20PFG Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 7034L20PFG Datasheet HTML 7Page - Integrated Device Technology 7034L20PFG Datasheet HTML 8Page - Integrated Device Technology 7034L20PFG Datasheet HTML 9Page - Integrated Device Technology 7034L20PFG Datasheet HTML 10Page - Integrated Device Technology 7034L20PFG Datasheet HTML 11Page - Integrated Device Technology 7034L20PFG Datasheet HTML 12Page - Integrated Device Technology 7034L20PFG Datasheet HTML 13Page - Integrated Device Technology 7034L20PFG Datasheet HTML 14Page - Integrated Device Technology 7034L20PFG Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
6.42
IDT7034S/L
High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
11
NOTES:
1. Port-to-port delay through RAM cells from writing port to reading port, refer to "Timing Waveform of Read With BUSY (M/S = VIH)" or "Timing Waveform of Write With
Port-To-Port Delay (M/S = VIH)".
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0ns, tWDD – tWP (actual) or tDDD – tDW (actual).
4. To ensure that the write cycle is inhibited on Port "B" during contention with Port "A".
5. To ensure that a write cycle is completed on Port "B" after contention with Port "A".
6. 'X' in part numbers indicates power rating (S or L).
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(6)
Symbol
Parameter
7034X15
Com'l Only
7034X20
Com'l & Ind
Unit
Min.
Max.
Min.
Max.
BUSY
TIMING (M/S=VIH)
tBAA
BUSY
Access Time from Address Match
____
15
____
20
ns
tBDA
BUSY
Disable Time from Address Not Matched
____
15
____
20
ns
tBAC
BUSY
Access Time from Chip Enable Low
____
15
____
20
ns
tBDC
BUSY
Access Time from Chip Enable High
____
15
____
17
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
ns
tBDD
BUSY
Disable to Valid Data(3)
____
18
____
30
ns
tWH
Write Hold After BUSY(5)
12
____
15
____
ns
BUSY
TIMING (M/S=VIL)
tWB
BUSY
Input to Write(4)
0
____
0
____
ns
tWH
Write Hold After BUSY(5)
12
____
15
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay(1)
____
30
____
45
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
25
____
30
ns
4089 tbl 14


Similar Part No. - 7034L20PFG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7034 ETC2-7034 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
7034 ETC2-7034 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7034 ETC2-7034 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Heyco.
7034 HEYCO-7034 Datasheet
132Kb / 1P
   Male Pins
logo
List of Unclassifed Man...
7034-4X150A ETC-7034-4X150A Datasheet
728Kb / 16P
   BEAM POWER TUBE
More results

Similar Description - 7034L20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com