Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7026L35JGB8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 7026L35JGB8
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7026L35JGB8 Datasheet(HTML) 1 Page - Integrated Device Technology

  7026L35JGB8 Datasheet HTML 1Page - Integrated Device Technology 7026L35JGB8 Datasheet HTML 2Page - Integrated Device Technology 7026L35JGB8 Datasheet HTML 3Page - Integrated Device Technology 7026L35JGB8 Datasheet HTML 4Page - Integrated Device Technology 7026L35JGB8 Datasheet HTML 5Page - Integrated Device Technology 7026L35JGB8 Datasheet HTML 6Page - Integrated Device Technology 7026L35JGB8 Datasheet HTML 7Page - Integrated Device Technology 7026L35JGB8 Datasheet HTML 8Page - Integrated Device Technology 7026L35JGB8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
©2015 Integrated Device Technology, Inc.
AUGUST 2015
DSC 2939/14
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/WL
BUSYL
A13L
A0L
2939 drw 01
UBL
LBL
CEL
OEL
I/O8L-I/O15L
I/O0L-I/O7L
CEL
SEML
M/
S
R/WR
BUSYR
UBR
LBR
CER
OER
I/O8R-I/O15R
I/O0R-I/O7R
A13R
A0R
SEMR
CER
(1,2)
(1,2)
14
14
HIGH-SPEED
16K X 16 DUAL-PORT
STATIC RAM
Features
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
High-speed access
– Commercial: 15/20/25/35/55ns (max.)
– Industrial: 20/25/35/55ns (max.)
– Military: 20/25/35/55ns (max.)
Low-power operation
– IDT7026S
Active: 750mW (typ.)
Standby: 5mW (typ.)
– IDT7026L
Active: 750mW (typ.)
Standby: 1mW (typ.)
Separate upper-byte and lower-byte control for multi-
plexed bus compatibility
IDT7026 easily expands data bus width to 32 bits or more
using the Master/Slave select when cascading more than
one device
M/S = H for BUSY output flag on Master,
M/S = L for BUSY input on Slave
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
TTL-compatible, single 5V (±10%) power supply
Available in 84-pin PGA and 84-pin PLCC
Industrial temperature range (-40°C to +85°C) is available
for selected speeds
Green parts available, see ordering information
Functional Block Diagram
IDT7026S/L
NOTES:
1. (MASTER): BUSY is output; (SLAVE): BUSY is input.
2. BUSY outputs are non-tri-stated push-pull.


Similar Part No. - 7026L35JGB8

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7026-2556 AMPHENOL-7026-2556 Datasheet
75Kb / 1P
   SMA MALE TO SMA MALE FOR .047 CABLE ASSEMBLY
logo
Integrated Device Techn...
70261L15PFG IDT-70261L15PFG Datasheet
703Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
70261L15PFG IDT-70261L15PFG Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70261L15PFG RENESAS-70261L15PFG Datasheet
509Kb / 21P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
JULY 2019
logo
Integrated Device Techn...
70261L15PFG8 IDT-70261L15PFG8 Datasheet
703Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
More results

Similar Description - 7026L35JGB8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S Datasheet
144Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com