Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7027L15PFGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 7027L15PFGI8
Description  HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7027L15PFGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 7027L15PFGI8 Datasheet HTML 3Page - Integrated Device Technology 7027L15PFGI8 Datasheet HTML 4Page - Integrated Device Technology 7027L15PFGI8 Datasheet HTML 5Page - Integrated Device Technology 7027L15PFGI8 Datasheet HTML 6Page - Integrated Device Technology 7027L15PFGI8 Datasheet HTML 7Page - Integrated Device Technology 7027L15PFGI8 Datasheet HTML 8Page - Integrated Device Technology 7027L15PFGI8 Datasheet HTML 9Page - Integrated Device Technology 7027L15PFGI8 Datasheet HTML 10Page - Integrated Device Technology 7027L15PFGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
6.42
IDT7027S/L
High-Speed 32K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
7
AC Test Conditions
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Ranges(4)
NOTES:.
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM, CE = VIL and SEM = VIH. To access semaphore, CE= VIH and SEM = VIL.
4. 'X' in part numbers indicates power rating (S or L).
5. Refer to Chip Enable Truth Table.
Figure 1. AC Output Test Load
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
*Including scope and jig.
dInput Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
5ns Max.
1.5V
1.5V
Figures 1 and 2
3199 tbl 11
3199 drw 04
893
30pF
347
5V
DATAOUT
BUSY
INT
893
5pF*
347
5V
DATAOUT
7027X15
Com'l Only
7027X20
Com'l
& Ind
7027X25
Com'l
& Ind
7027X35
Com'l Only
7027X55
Com'l Only
Unit
Symbol
Parameter
Min.
Max.
Min.Max.Min.
Max.Min.Max.
Min.Max.
READ CYCLE
tRC
Read Cycle Time
15
____
20
____
25
____
35
____
55
____
ns
tAA
Address Access Time
____
15
____
20
____
25
____
35
____
55
ns
tACE
Chip Enable Access Time(4)
____
15
____
20
____
25
____
35
____
55
ns
tAOE
Output Enable Access Time
____
10
____
12
____
13
____
20
____
30
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
3
____
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
12
____
15
____
15
____
25
ns
tPU
Chip Enable to Power Up Time(2,5)
0
____
0
____
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2,5)
____
15
____
20
____
25
____
35
____
50
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)10
____
10
____
12
____
15
____
15
____
ns
tSAA
Semaphore Address Access Time
____
15
____
20
____
25
____
35
____
55
ns
3199 tbl 12


Similar Part No. - 7027L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7027L15PFGI8 IDT-7027L15PFGI8 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 7027L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S Datasheet
160Kb / 19P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S Datasheet
192Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V9279S IDT-IDT70V9279S Datasheet
337Kb / 19P
   HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7037 IDT-IDT7037 Datasheet
150Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com