Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7054S20PRFGI8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 7054S20PRFGI8
Description  HIGH-SPEED 4K x 8 FourPort STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7054S20PRFGI8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 7054S20PRFGI8 Datasheet HTML 3Page - Integrated Device Technology 7054S20PRFGI8 Datasheet HTML 4Page - Integrated Device Technology 7054S20PRFGI8 Datasheet HTML 5Page - Integrated Device Technology 7054S20PRFGI8 Datasheet HTML 6Page - Integrated Device Technology 7054S20PRFGI8 Datasheet HTML 7Page - Integrated Device Technology 7054S20PRFGI8 Datasheet HTML 8Page - Integrated Device Technology 7054S20PRFGI8 Datasheet HTML 9Page - Integrated Device Technology 7054S20PRFGI8 Datasheet HTML 10Page - Integrated Device Technology 7054S20PRFGI8 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
6.42
IDT7054S/L
High-Speed 4K x 8 FourPort™ Static RAM
Industrial and Commercial Temperature Ranges
9
Timing Waveform of Write with Port-to-Port Read(1, 2)
Functional Description
TheIDT7054providesfourportswithseparatecontrol,address,and
I/Opinsthatpermitindependentaccessforreadsorwritestoanylocation
in memory. These devices have an automatic power down feature
controlled by CE. The CE controls on-chip power down circuitry
thatpermitstherespectiveporttogointostandbymodewhennotselected
(CE = VIH). When a port is enabled, access to the entire memory array
ispermitted.EachporthasitsownOutputEnablecontrol(OE).Intheread
mode, the port’s OE turns on the output drivers when set LOW. READ/
WRITEconditionsareillustratedinthetable.
Table I – Read/Write Control
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don’t Care, "Z "= High Impedance
2. For valid write operation, no more than one port can write to the same address
location at the same time.
3241 drw 09
ADDR"A"
tWC
DATA"B"
MATCH
tWP
R/
W"A"
DATAIN"A"
ADDR"B"
tDH
VALID
MATCH
VALID
tDDD
tWDD
tDW
NOTES:
1. OE = VIL for the reading ports.
2. All timing is the same for left and right ports. Port "A" may be either of the four ports and Port "B" is any other port.
Any Port(1)
R/W
CE
OE
D0-7
Function
X
H
X
Z
Port Deselected: Power-Down
XH
X
Z
CEP1
=CEP2=CEP3=CEP4=VIH
Power Down Mode ISB or ISB1
LL
X
DATAIN
Data on port written into memory(2)
HL
L
DATAOUT
Data in memory output on port
XX
H
Z
Outputs Disabled
3241 tbl 11


Similar Part No. - 7054S20PRFGI8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7054 ETC2-7054 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7054 ETC2-7054 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Alpha Wire
7054 ALPHAWIRE-7054 Datasheet
70Kb / 3P
   Customer Specification
7054/19 ALPHAWIRE-7054/19 Datasheet
97Kb / 4P
   Customer Specification
2/21/2023
7054/19 ALPHAWIRE-7054/19 Datasheet
97Kb / 4P
   Customer Specification
3/12/2023
More results

Similar Description - 7054S20PRFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7054S IDT-IDT7054S Datasheet
99Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7052S IDT-IDT7052S_16 Datasheet
712Kb / 12P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
80Kb / 9P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com