Electronic Components Datasheet Search |
|
7026S55GGB8 Datasheet(PDF) 3 Page - Integrated Device Technology |
|
7026S55GGB8 Datasheet(HTML) 3 Page - Integrated Device Technology |
3 / 18 page 6.42 IDT7026S/L High-Speed 16K x 16 Dual-Port Static RAM Military, Industrial and Commercial Temperature Ranges 3 NOTES: 1. All VCC pins must be connected to power supply. 2. All GND pins must be connected to ground supply. 3. Package body is approximately 1.12 in x 1.12 in x .16 in. 4. This package code is used to reference the package diagram. 5. This text does not indicate orientation of the actual part-marking. Pin Configurations(1,2,3) (con't.) Maximum Operating Temperature and Supply Voltage(1) Pin Names NOTES: 1. This parameter is determined by device characterization but is not production tested. 2. 3dV represents the interpolated capacitance when the input and output signals switch from 0V to 3V or from 3V to 0V. Capacitance(1) (TA = +25°C, f = 1.0mhz) NOTES: 1. This is the parameter TA. This is the "instant on" case temperature. Left Port Right Port Names CEL CER Chip Enable R/WL R/WR Read/Write Enable OEL OER Output Enable A0L - A13L A0R - A13R Address I/O0L - I/O15L I/O0R - I/O15R Data Input/Output SEML SEMR Semaphore Enable UBL UBR Upper Byte Select LBL LBR Lower Byte Select BUSYL BUSYR Busy Flag M/S Master or Slave Select VCC Power GND Ground 2939 tbl 01 Grade Ambient Temperature GND Vcc Military -55OC to+125OC0V 5.0V + 10% Commercial 0OC to +70OC0V 5.0V + 10% Industrial -40OC to +85OC0V 5.0V + 10% 2939 tbl 02a Symbol Parameter Conditions(2) Max. Unit CIN Input Capacitance VIN = 3dV 9 pF COUT Output Capacitance VOUT = 3dV 10 pF 2939 tbl 03 2939 drw 03 I/O7L 63 61 60 58 55 54 51 48 46 45 66 67 69 72 75 76 79 81 82 83 1 2 5 7 8 11 10 12 14 17 20 23 26 28 29 32 31 33 35 38 41 43 IDT7026G G84(4) 84-Pin PGA Top View(5) A B C D E F G H J K L 42 59 56 49 50 40 25 27 30 36 34 37 39 84 3 4 6 9 15 13 16 18 22 24 19 21 68 71 70 77 80 UBR CER GND 11 10 09 08 07 06 05 04 03 02 01 64 65 62 57 53 52 47 44 73 74 78 GND GND R/ WR OER LBR GND GND SEMR UBL CEL R/ WL OEL GND SEML VCC LBL BUSYR BUSYL M/ S A12L Index I/O5L I/O4L I/O2L I/O0L I/O10L I/O8L I/O6L I/O3L I/O1L I/O11L I/O9L I/O13L I/O12L I/O15L I/O14L I/O0R A10L A11L A9L A8L A6L A7L A5L A4L A3L A1L A2L A1R A3R A2R A6R A4R A7R A5R A10R A8R A9R A11R A12R I/O1R I/O2R VCC I/O3R I/O4R I/O5R I/O7R I/O6R I/O9R I/O8R I/O11R I/O10R I/O12R I/O13R I/O14R I/O15R VCC A13R A13L A0L A0R |
Similar Part No. - 7026S55GGB8 |
|
Similar Description - 7026S55GGB8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |