Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7052S Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7052S
Description  HIGH-SPEED 2K x 8 FourPort STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7052S Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7052S Datasheet HTML 1Page - Integrated Device Technology IDT7052S Datasheet HTML 2Page - Integrated Device Technology IDT7052S Datasheet HTML 3Page - Integrated Device Technology IDT7052S Datasheet HTML 4Page - Integrated Device Technology IDT7052S Datasheet HTML 5Page - Integrated Device Technology IDT7052S Datasheet HTML 6Page - Integrated Device Technology IDT7052S Datasheet HTML 7Page - Integrated Device Technology IDT7052S Datasheet HTML 8Page - Integrated Device Technology IDT7052S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
6.42
IDT7052S/L
High-Speed 2K x 8 FourPort™ Static RAM
Military, Industrial and Commercial Temperature Ranges
4
Pin Configurations(1,2)
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply
Absolute Maximum Ratings(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
2. VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > VCC + 10%.
Capacitance(1)
(TA = +25°C, f = 1.0MHz) TQFP only
NOTES:
1. This parameter is determined by device characterization but is not
production tested.
2. 3dV references the interpolated capacitance when the input and
the output signals switch from 0V to 3V or from 3V to 0V.
Maximum Operating
Temperature and Supply Voltage(1)
Recommended DC Operating
Conditions
NOTES:
1. VIL
> -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
NOTE:
1. This is the parameter TA. This is the "instant on" case temperature.
Symbol
Pin Name
A0 P1 - A10 P1
Address Lines - Port 1
A0 P2 - A10P2
Address Lines - Port 2
A0 P3 - A10 P3
Address Lines - Port 3
A0 P4 - A10 P4
Address Lines - Port 4
I/O0 P1 - I/O7 P1
Data I/O - Port 1
I/O0 P2 - I/O7 P2
Data I/O - Port 2
I/O0 P3 - I/O7 P3
Data I/O - Port 3
I/O0 P4 - I/O7 P4
Data I/O - Port 4
R/W P1
Read/Write - Port 1
R/W P2
Read/Write - Port 2
R/W P3
Read/Write - Port 3
R/W P4
Read/Write - Port 4
GND
Ground
CE P1
Chip Enable - Port 1
CE P2
Chip Enable - Port 2
CE P3
Chip Enable - Port 3
CE P4
Chip Enable - Port 4
OE P1
Output Enable - Port 1
OE P2
Output Enable - Port 2
OE P3
Output Enable - Port 3
OE P4
Output Enable - Port 4
BUSY P1
Write Disable - Port 1
BUSY P2
Write Disable - Port 2
BUSY P3
Write Disable - Port 3
BUSY P4
Write Disable - Port 4
VCC
Power
2674 tbl 01
Symbol
Rating
Commercial
& Industrial
Military
Unit
VTERM(2)
Terminal Voltage
with Respect to
GND
-0.5 to +7.0
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
-65 to +135
o
C
TSTG
Storage
Temperature
-65 to +150
-65 to +150
o
C
IOUT
DC Output Current
50
50
mA
2674 tbl 02
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to+125OC0V
5.0V
+ 10%
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
2674 tbl 04
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 0V
9
pF
COUT
Output Capacitance
VOUT = 0V
10
pF
2674 tbl 03
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2674 tbl 05


Similar Part No. - IDT7052S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7052S IDT-IDT7052S Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
More results

Similar Description - IDT7052S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S Datasheet
99Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com