Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7019L15PFG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 7019L15PFG8
Description  HIGH-SPEED 128K x 9 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7019L15PFG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  7019L15PFG8 Datasheet HTML 1Page - Integrated Device Technology 7019L15PFG8 Datasheet HTML 2Page - Integrated Device Technology 7019L15PFG8 Datasheet HTML 3Page - Integrated Device Technology 7019L15PFG8 Datasheet HTML 4Page - Integrated Device Technology 7019L15PFG8 Datasheet HTML 5Page - Integrated Device Technology 7019L15PFG8 Datasheet HTML 6Page - Integrated Device Technology 7019L15PFG8 Datasheet HTML 7Page - Integrated Device Technology 7019L15PFG8 Datasheet HTML 8Page - Integrated Device Technology 7019L15PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
©2013 Integrated Device Technology, Inc.
SEPTEMBER 2013
DSC-4840/5
I/O
Control
Address
Decoder
128Kx9
MEMORY
ARRAY
7019
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
CE0L
OEL
R/
WL
A16L
A0L
I/O0-8L
SEML
INTL
(2)
BUSYL
(1,2)
R/
WL
CE0L
OEL
I/O
Control
Address
Decoder
OER
R/
WR
CE0R
A16R
A0R
I/O0-8R
SEMR
INTR
(2)
R
BUSY
(1,2)
M/
S
(1)
CE1L
R/
WR
CE0R
OER
CE1R
4840 drw 01
1L
CE
1R
CE
17
17
Functional Block Diagram
than one device
M/S = VIH for BUSY output flag on Master,
M/S = VIL for BUSY input on Slave
Interrupt Flag
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
TTL-compatible, single 5V (±10%) power supply
Available in a 100-pin TQFP
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Green parts available, see ordering information
Features
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
High-speed access
– Commercial: 15/20ns (max.)
– Industrial: 20ns (max.)
Low-power operation
– IDT7019L
Active: 1W (typ.)
Standby: 1mW (typ.)
Dual chip enables allow for depth expansion without
external logic
IDT7019 easily expands data bus width to 18 bits or
more using the Master/Slave select when cascading more
HIGH-SPEED
128K x 9 DUAL-PORT
STATIC RAM
IDT7019L
NOTES:
1. BUSY is an input as a Slave (M/S = VIL) and an output when it is a Master (M/S = VIH).
2. BUSY and INT are non-tri-state totem-pole outputs (push-pull).


Similar Part No. - 7019L15PFG8

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7019 BOURNS-7019 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
List of Unclassifed Man...
7019 ETC-7019 Datasheet
114Kb / 1P
   TO-220 HEAT SINKS
logo
Bourns Electronic Solut...
7019-RC BOURNS-7019-RC Datasheet
121Kb / 1P
   Dual-Line Toroid Inductors
logo
List of Unclassifed Man...
701906-3WC4X ETC2-701906-3WC4X Datasheet
701Kb / 2P
   LED lighting system for cooler doors
701906-3WC5X ETC2-701906-3WC5X Datasheet
701Kb / 2P
   LED lighting system for cooler doors
More results

Similar Description - 7019L15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V19L IDT-IDT70V19L Datasheet
254Kb / 17P
   HIGH-SPEED 3.3V 128K x 9 DUAL-PORT STATIC RAM
IDT709199L IDT-IDT709199L Datasheet
178Kb / 15P
   HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L_17 Datasheet
151Kb / 18P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L Datasheet
195Kb / 17P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT7009 IDT-IDT7009 Datasheet
143Kb / 17P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT70V09L IDT-IDT70V09L_13 Datasheet
152Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT70V09L IDT-IDT70V09L_17 Datasheet
171Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com