Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE22CA Datasheet(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 1.5KE22CA
Description  Fast response time: typically less than 1 ns
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

1.5KE22CA Datasheet(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

  1.5KE22CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 1.5KE22CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 1.5KE22CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 1.5KE22CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd 1.5KE22CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.5KE Sires
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
1.5KE39
1.5KE39C
31.6
35.1
42.9
1.0
56.4
27.0
5.0
1.5KE39A
1.5KE39CA
33.3
37.1
41.0
1.0
53.9
28.2
5.0
1.5KE43
1.5KE43C
34.8
38.7
47.3
1.0
61.9
24.6
5.0
1.5KE43A
1.5KE43CA
36.8
40.9
45.2
1.0
59.3
25.6
5.0
1.5KE47
1.5KE47C
38.1
42.3
51.7
1.0
67.8
22.4
5.0
1.5KE47A
1.5KE47CA
40.2
44.7
49.4
1.0
64.8
23.5
5.0
1.5KE51
1.5KE51C
41.3
45.9
56.1
1.0
73.5
20.7
5.0
1.5KE51A
1.5KE51CA
43.6
48.5
53.6
1.0
70.1
21.7
5.0
1.5KE56
1.5KE56C
45.4
50.4
61.6
1.0
80.5
18.9
5.0
1.5KE56A
1.5KE56CA
47.8
53.2
58.8
1.0
77.0
19.7
5.0
1.5KE62
1.5KE62C
50.2
55.8
68.2
1.0
89.0
17.1
5.0
1.5KE62A
1.5KE62CA
53.0
58.9
65.1
1.0
85.0
17.9
5.0
1.5KE68
1.5KE68C
55.1
61.2
74.8
1.0
98.0
13.5
5.0
1.5KE68A
1.5KE68CA
58.1
64.6
71.4
1.0
92.0
16.5
5.0
1.5KE75
1.5KE75C
60.7
67.5
82.5
1.0
108
14.1
5.0
1.5KE75A
1.5KE75CA
64.1
71.3
78.8
1.0
103
14.8
5.0
1.5KE82
1.5KE82C
66.4
73.8
90.2
1.0
118
12.9
5.0
1.5KE82A
1.5KE82CA
70.1
77.9
86.1
1.0
113
13.5
5.0
1.5KE91
1.5KE91C
73.7
81.9
100
1.0
131
11.6
5.0
1.5KE91A
1.5KE91CA
77.8
86.5
95.5
1.0
125
12.2
5.0
1.5KE100
1.5KE100C
81.0
90.0
110
1.0
144
10.6
5.0
1.5KE100A
1.5KE100CA
85.5
95.0
105
1.0
137
11.1
5.0
1.5KE110
1.5KE110C
89.2
99.0
121
1.0
158
9.6
5.0
1.5KE110A
1.5KE110CA
94.0
105
116
1.0
152
10.0
5.0
1.5KE120
1.5KE120C
97.2
108
132
1.0
173
8.7
5.0
1.5KE120A
1.5KE120CA
102
114
126
1.0
165
9.2
5.0
1.5KE130
1.5KE130C
105
117
143
1.0
187
8.1
5.0
1.5KE130A
1.5KE130CA
111
124
137
1.0
179
8.5
5.0
1.5KE150
1.5KE150C
121
135
165
1.0
215
7.1
5.0
1.5KE150A
1.5KE150CA
128
143
158
1.0
207
7.3
5.0
1.5KE160
1.5KE160C
130
144
176
1.0
230
6.6
5.0
1.5KE160A
1.5KE160CA
136
152
168
1.0
219
6.9
5.0
1.5KE170
1.5KE170C
138
153
187
1.0
244
6.2
5.0
1.5KE170A
1.5KE170CA
145
162
179
1.0
234
6.5
5.0
1.5KE180
1.5KE180C
146
162
198
1.0
258
5.9
5.0
1.5KE180A
1.5KE180CA
154
171
189
1.0
246
6.2
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WWW.SEMITECH.CN


Similar Part No. - 1.5KE22CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1.5KE22CA LUGUANG-1.5KE22CA Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
ON Semiconductor
1.5KE22CA ONSEMI-1.5KE22CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
SiPower Inc.
1.5KE22CA SIPOWER-1.5KE22CA Datasheet
1Mb / 5P
   Transient Voltage Suppressor
logo
DB Lectro Inc
1.5KE22CA DBLECTRO-1.5KE22CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
UN Semiconducctor INC
1.5KE22CA UNSEMI-1.5KE22CA Datasheet
3Mb / 7P
   6.8 To 600V 1500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - 1.5KE22CA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
EAITRCA7 EVERLIGHT-EAITRCA7 Datasheet
343Kb / 8P
   Fast response time
EAPDST6048A0 EVERLIGHT-EAPDST6048A0 Datasheet
389Kb / 9P
   Fast response time
EAITRAA0 EVERLIGHT-EAITRAA0 Datasheet
447Kb / 7P
   Fast response time
EAITRCA5 EVERLIGHT-EAITRCA5 Datasheet
305Kb / 7P
   Fast response time
EAITRCA6 EVERLIGHT-EAITRCA6 Datasheet
319Kb / 7P
   Fast response time
logo
List of Unclassifed Man...
10K3A1A ETC2-10K3A1A Datasheet
57Kb / 2P
   Fast time response (1 second typical in
logo
Shanghai Leiditech Elec...
3R-5 LEIDITECH-3R-5 Datasheet
1Mb / 4P
   Extremely fast response time
logo
Littelfuse
PGB1010603NRHF LITTELFUSE-PGB1010603NRHF Datasheet
466Kb / 4P
   Low leakage current, Fast response time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com