Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLC852P Datasheet(PDF) 7 Page - Megawin Technology Co., Ltd

Part # MLC852P
Description  single chip 8-bit micro-controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC852P Datasheet(HTML) 7 Page - Megawin Technology Co., Ltd

Back Button MLC852P Datasheet HTML 3Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 4Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 5Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 6Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 7Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 8Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 9Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 10Page - Megawin Technology Co., Ltd MLC852P Datasheet HTML 11Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
MEGAWIN
MLC852P Technical Summary
7
Dividers
Divider0 is a 7-bit up-counter. The clock source is from Fosc. It could be reset to 00H by POR,
system reset or waked from stop mode. Certain intermediary signals of the divider 0 could be the
clock source of timer0.
Divider 0
Fosc
Fosc
Fosc/2
Fosc/4
Fosc/32
Fosc/128
timer 0
TM0X
P0.5
Divider1:
Divider1 is a 14-bit up-counter. The clock source is from sub-oscillator (32 KHz). It could be reset to
0000H by POR, system reset or waked from stop mode. DIV1x_sel could select the source of
interrupt.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
1203H
DIV1x_SEL
-
-
-
-
-
-
CKO1
CKO0
CKO1
CKO0
Selected DIV1x frequency
0
0
Fx32/256 (128Hz)
0
1
Fx32/128 (512Hz)
1
0
Fx32/8 (4096Hz)
1
1
unused
The default clock source is Fx32/256 (128Hz)
Divider 1
2Hz
128Hz
512Hz
4096Hz
DIV1X_SEL
DIV1X
2HzX


Similar Part No. - MLC852P

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MLC852A MEGAWIN-MLC852A Datasheet
35Kb / 2P
   8-Bit micro-controller with 1120 dots LCD driver
More results

Similar Description - MLC852P

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG69L951 MEGAWIN-MG69L951 Datasheet
411Kb / 30P
   Single chip 8-bit micro-controller
MLC510B MEGAWIN-MLC510B Datasheet
261Kb / 31P
   Single chip 8-bit micro-controller
MG69L952 MEGAWIN-MG69L952 Datasheet
536Kb / 29P
   Single chip 8-bit micro-controller
logo
SHANGHAI BELLING CO., L...
BL35P02 BELLING-BL35P02 Datasheet
308Kb / 27P
   BL35P02 is a single-chip 8-bit micro-controller
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3504 NJRC-NJU3504 Datasheet
1Mb / 62P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3505 NJRC-NJU3505 Datasheet
2Mb / 64P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com