Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLC031B Datasheet(PDF) 9 Page - Megawin Technology Co., Ltd

Part # MLC031B
Description  Single chip 8-bit CPU
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC031B Datasheet(HTML) 9 Page - Megawin Technology Co., Ltd

Back Button MLC031B Datasheet HTML 5Page - Megawin Technology Co., Ltd MLC031B Datasheet HTML 6Page - Megawin Technology Co., Ltd MLC031B Datasheet HTML 7Page - Megawin Technology Co., Ltd MLC031B Datasheet HTML 8Page - Megawin Technology Co., Ltd MLC031B Datasheet HTML 9Page - Megawin Technology Co., Ltd MLC031B Datasheet HTML 10Page - Megawin Technology Co., Ltd MLC031B Datasheet HTML 11Page - Megawin Technology Co., Ltd MLC031B Datasheet HTML 12Page - Megawin Technology Co., Ltd MLC031B Datasheet HTML 13Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
MEGAWIN
MLC0xxB Series Technical Summary
9
Special Function Register, Continued
Address
Content
Default Address
Content
Default
0240
P0CR
00
0250
X
0241
P0MR
00
0251
X
0242
X
0252
X
0243
X
0253
X
0244
P1CR
00
0254
X
0245
P1MR
00
0255
X
0246
X
0256
X
0247
X
0257
X
0248
P2CR
00
0258
X
0249
P2MR
00
0259
X
024A
X
025A
X
024B
X
025B
X
024C
X
025C
X
024D
X
025D
X
024E
X
025E
X
024F
X
025F
X
Address
Content
Default Address
Content
Default
0260
X
0270
X
0261
X
0271
X
0262
X
0272
X
0263
X
0273
X
0264
X
0274
X
0265
X
0275
X
0266
X
0276
X
0267
X
0277
X
0268
X
0278
X
0269
X
0279
X
026A
X
027A
X
026B
X
027B
X
026C
X
027C
X
026D
X
027D
X
026E
X
027E
X
026F
X
027F
X


Similar Part No. - MLC031B

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MLC031B MEGAWIN-MLC031B Datasheet
116Kb / 1P
   8-bit I/O type micro-controller with voice function
More results

Similar Description - MLC031B

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG69L340 MEGAWIN-MG69L340 Datasheet
596Kb / 28P
   Single Chip 8-bit CPU
MA014B MEGAWIN-MA014B Datasheet
206Kb / 14P
   Single chip 8-bit CPU
MG69L331 MEGAWIN-MG69L331 Datasheet
565Kb / 28P
   Single Chip 8-bit CPU
MG69L352 MEGAWIN-MG69L352 Datasheet
529Kb / 25P
   Single Chip 8-bit CPU
MG69M220 MEGAWIN-MG69M220 Datasheet
560Kb / 27P
   Single Chip 8-bit CPU
logo
NXP Semiconductors
P8XCX66 PHILIPS-P8XCX66 Datasheet
383Kb / 92P
   80C51 8-bit CPU
1999 Mar 10
logo
List of Unclassifed Man...
KL5C8400 ETC-KL5C8400 Datasheet
449Kb / 2P
   HIGH SPEED 8 BIT CPU
logo
Sanyo Semicon Device
LC86E4564 SANYO-LC86E4564 Datasheet
340Kb / 19P
   8-Bit Single-Chip Microcontroller????
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com