Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1340C-18+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1340C-18+
Description  I2C RTC with Trickle Charger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340C-18+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1340C-18+ Datasheet HTML 1Page - Maxim Integrated Products DS1340C-18+ Datasheet HTML 2Page - Maxim Integrated Products DS1340C-18+ Datasheet HTML 3Page - Maxim Integrated Products DS1340C-18+ Datasheet HTML 4Page - Maxim Integrated Products DS1340C-18+ Datasheet HTML 5Page - Maxim Integrated Products DS1340C-18+ Datasheet HTML 6Page - Maxim Integrated Products DS1340C-18+ Datasheet HTML 7Page - Maxim Integrated Products DS1340C-18+ Datasheet HTML 8Page - Maxim Integrated Products DS1340C-18+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
I2C RTC with Trickle Charger
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Pin Relative to Ground .....-0.3V to +6.0V
Voltage Range on SDA, SCL, and FT/OUT
Relative to Ground..................................-0.3V to (VCC + 0.3V)
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature Range............................See IPC/JEDEC
J-STD-020 Specification
AC ELECTRICAL CHARACTERISTICS
(VCC = VCC MIN to VCC MAX, TA = -40°C to +85°C, unless otherwise noted.) (Note 1, Figure 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standard mode
0
100
SCL Clock Frequency
fSCL
Fast mode
100
400
kHz
Standard mode
4.7
Bus Free Time Between STOP
and START Conditions
tBUF
Fast mode
1.3
µs
Standard mode
4.0
Hold Time (Repeated) START
Condition (Note 2)
tHD:STA
Fast mode
0.6
µs
Standard mode
4.7
Low Period of SCL Clock
tLOW
Fast mode
1.3
µs
Standard mode
4.0
High Period of SCL Clock
tHIGH
Fast mode
0.6
µs
Standard mode
0
0.9
Data Hold Time (Notes 3, 4)
tHD:DAT
Fast mode
0
0.9
µs
Standard mode
250
Data Setup Time (Note 5)
tSU:DAT
Fast mode
100
ns
Standard mode
4.7
START Setup Time
tSU:STA
Fast mode
0.6
µs
Standard mode
20 + 0.1CB
1000
Rise Time of SDA and SCL
Signals (Note 6)
tR
Fast mode
20 + 0.1CB
300
ns
Standard mode
20 + 0.1CB
300
Fall Time of SDA and SCL Signals
(Note 6)
tF
Fast mode
20 + 0.1CB
300
ns
Standard mode
4.7
Setup Time for STOP Condition
tSU:STO
Fast mode
0.6
µs
Capacitive Load for Each Bus
Line
CB
(Note 6)
400
pF
I/O Capacitance (SCL, SDA)
CI/O
10
pF
Pulse Width of Spikes that Must
be Suppressed by the Input Filter
tSP
Fast mode
30
ns
Oscillator Stop Flag (OSF) Delay
tOSF
(Note 7)
100
ms


Similar Part No. - DS1340C-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340C-18 MAXIM-DS1340C-18 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340C-18 MAXIM-DS1340C-18 Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340C-18- MAXIM-DS1340C-18- Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
More results

Similar Description - DS1340C-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com