Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG39134AH Datasheet(PDF) 4 Page - Megawin Technology Co., Ltd

Part # MG39134AH
Description  Over voltage protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG39134AH Datasheet(HTML) 4 Page - Megawin Technology Co., Ltd

  MG39134AH Datasheet HTML 1Page - Megawin Technology Co., Ltd MG39134AH Datasheet HTML 2Page - Megawin Technology Co., Ltd MG39134AH Datasheet HTML 3Page - Megawin Technology Co., Ltd MG39134AH Datasheet HTML 4Page - Megawin Technology Co., Ltd MG39134AH Datasheet HTML 5Page - Megawin Technology Co., Ltd MG39134AH Datasheet HTML 6Page - Megawin Technology Co., Ltd MG39134AH Datasheet HTML 7Page - Megawin Technology Co., Ltd MG39134AH Datasheet HTML 8Page - Megawin Technology Co., Ltd MG39134AH Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
MG39134 Data Sheet
MEGAWIN
1 Description
The MG39134 is a high precision linear LED controller. It is designed to drive a 6
‐taps low power LED string
directly form AC line input. Electrolytic capacitor is not required; so long operating life is possible. No EMI filter
and PF correction circuits are needed.
The LED string is configured into 6 segments. With state
‐of‐art control scheme, each segment is sequentially
turned on and off by tracking the input sine wave voltage. Voltage applied on IC is minimized when conducting,
providing high efficiency. The AC voltage and line
‐input current could be tuned in phase, so the high PF is
possible. There is no PWM switching control in the chip, also the line
‐in current is tracking with the AC input with
six step level, the THDi could be tuned very low. The ILED current is also programmed by external resister to fulfill
various types of power requirement. The maximum supported wattage is 19.5W.
The MG39134 also builds in UVLO control, over temperature and over voltage protection circuit. The device is
available in e-TSSOP16, e-SOP16 package or dice form.
The MG39134 provides a 7V DC output voltage for the MCU power supply application
2 Order Information
Current
Package Type
120mA (Max)
Dice
MG39134AH
e-TSSOP16
MG39134AT
e-SOP16
MG39134AS
3 Application Field
Incandescent and Fluorescent lamp/tube replacement


Similar Part No. - MG39134AH

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG39131AH MEGAWIN-MG39131AH Datasheet
246Kb / 11P
   Over voltage protection
MG39131AS MEGAWIN-MG39131AS Datasheet
246Kb / 11P
   Over voltage protection
MG39131AT MEGAWIN-MG39131AT Datasheet
246Kb / 11P
   Over voltage protection
MG39132AH MEGAWIN-MG39132AH Datasheet
249Kb / 11P
   Over voltage protection
MG39132AS MEGAWIN-MG39132AS Datasheet
249Kb / 11P
   Over voltage protection
More results

Similar Description - MG39134AH

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
Megawin Technology Co.,...
MG39131AH MEGAWIN-MG39131AH Datasheet
246Kb / 11P
   Over voltage protection
logo
FSP TECHNOLOGY INC.
FSP180-AACM1 FSP-FSP180-AACM1 Datasheet
76Kb / 1P
   Over voltage protection
FSP180-AAAM1 FSP-FSP180-AAAM1 Datasheet
76Kb / 1P
   Over voltage protection
logo
List of Unclassifed Man...
TC-1U35 ETC2-TC-1U35 Datasheet
251Kb / 5P
   OVER-VOLTAGE PROTECTION
logo
FSP TECHNOLOGY INC.
FSP180-ABAM1 FSP-FSP180-ABAM1 Datasheet
79Kb / 1P
   Over voltage protection
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
Megawin Technology Co.,...
MG39132AH MEGAWIN-MG39132AH Datasheet
249Kb / 11P
   Over voltage protection
MG39133AH MEGAWIN-MG39133AH Datasheet
257Kb / 11P
   Over voltage protection
logo
List of Unclassifed Man...
ENP2220A ETC2-ENP2220A Datasheet
283Kb / 2P
   Over Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com