Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE11C Datasheet(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 1.5KE11C
Description  Fast response time: typically less than 1 ns
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

1.5KE11C Datasheet(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  1.5KE11C Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 1.5KE11C Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 1.5KE11C Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 1.5KE11C Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd 1.5KE11C Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
1.5KE Sires
1500W Surface Mount
Transient Voltage
Suppressors
Features
Working peak reverse voltage range – 58.1V.
Peak power dissipation 1500W @10 x 1000 us Pulse
Excellent clamping capability.
Dim
Millimeters
Inches
Min
Max
Min
Max
A
25.4
---
1.000
---
B
6.731
9.525
0.265
0.375
C
0.940
1.070
0.037
0.042
D
4.775
5.334
0.188
0.210
Fast response time: typically less than 1 ns.
Typical IR less than 1uA
above 10V.
Plastic material has UL flammability classification 94V-O
RoHS compliant in lead-free versions
Mechanical Characteristics
CASE: JEDEC DO-201 Molded Plastic over glass passivated junction..
Mounting Position: Any
Polarity: by cathode band denotes uni-directional device.
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026
Maximum Ratings And Characteristics @ 25°C Ambient Temperature (unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000 us Waveform
(Note 1, 2, FIG.1)
PPPM
Min 1500
W
Peak Pulse Current of on 10/1000us Waveform
(Note 1, FIG.3)
IPPM
See Table 1
Amps
Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on
Rated Load, (JEDEC Method)
(Note 2. 3)
IFSM
200
Amps
Operating Junction Temperature Range
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Notes:
1.
Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2.
2.
Mounted on 5.0mm
2 (0.03mm thick) Copper Pads to each terminal.
3.
8.3 ms single half sine-wave, or equivalent square wave, Duty cycle=4 pluses per minute maximum.
WWW.SEMITECH.CN
DO-201AE


Similar Part No. - 1.5KE11C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE11C TRSYS-1.5KE11C Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE11C LUGUANG-1.5KE11C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
DONGGUAN YOU FENG WEI E...
1.5KE11C YFWDIODE-1.5KE11C Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
Won-Top Electronics
1.5KE11C WTE-1.5KE11C Datasheet
65Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
1.5KE11C LUGUANG-1.5KE11C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE11C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
EAITRCA7 EVERLIGHT-EAITRCA7 Datasheet
343Kb / 8P
   Fast response time
EAPDST6048A0 EVERLIGHT-EAPDST6048A0 Datasheet
389Kb / 9P
   Fast response time
EAITRAA0 EVERLIGHT-EAITRAA0 Datasheet
447Kb / 7P
   Fast response time
EAITRCA5 EVERLIGHT-EAITRCA5 Datasheet
305Kb / 7P
   Fast response time
EAITRCA6 EVERLIGHT-EAITRCA6 Datasheet
319Kb / 7P
   Fast response time
logo
List of Unclassifed Man...
10K3A1A ETC2-10K3A1A Datasheet
57Kb / 2P
   Fast time response (1 second typical in
logo
Shanghai Leiditech Elec...
3R-5 LEIDITECH-3R-5 Datasheet
1Mb / 4P
   Extremely fast response time
logo
Littelfuse
PGB1010603NRHF LITTELFUSE-PGB1010603NRHF Datasheet
466Kb / 4P
   Low leakage current, Fast response time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com