Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4510U-15 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS4510U-15
Description  CPU Supervisor with Nonvolatile Memory and Programmable I/O
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4510U-15 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS4510U-15 Datasheet HTML 4Page - Maxim Integrated Products DS4510U-15 Datasheet HTML 5Page - Maxim Integrated Products DS4510U-15 Datasheet HTML 6Page - Maxim Integrated Products DS4510U-15 Datasheet HTML 7Page - Maxim Integrated Products DS4510U-15 Datasheet HTML 8Page - Maxim Integrated Products DS4510U-15 Datasheet HTML 9Page - Maxim Integrated Products DS4510U-15 Datasheet HTML 10Page - Maxim Integrated Products DS4510U-15 Datasheet HTML 11Page - Maxim Integrated Products DS4510U-15 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CPU Supervisor with Nonvolatile Memory and
Programmable I/O
____________________________________________________________________
11
dition, write the slave address (R/
W = 0), and the first
memory address of the next page before continuing to
write data.
Acknowledge Polling: Any time an EEPROM page is
written, the DS4510 requires the EEPROM write time
(tW) after the stop condition to write the contents of the
page to EEPROM. During the EEPROM write time, the
DS4510 does not acknowledge its slave address
because it is busy. It is possible to take advantage of
that phenomenon by repeated addressing the DS4510,
which allows the next page to be written as soon as the
DS4510 is ready to receive the data. The alternative to
acknowledge polling is to wait for maximum period of
tW to elapse before attempting to write again to the
DS4510.
EEPROM Write Cycles: When EEPROM writes occur,
the DS4510 writes the whole EEPROM memory page
even if only a single byte on the page was modified.
Writes that do not modify all 8 bytes on the page are
allowed and do not corrupt the remaining bytes of
memory on the same page. Because the whole page is
written, bytes on the page that were not modified dur-
ing the transaction are still subject to a write cycle. This
can result in a whole page being worn out over time by
writing a single byte repeatedly. Writing a page one
byte at a time wears the EEPROM out eight times faster
than writing the entire page at once. The DS4510’s
EEPROM memory is guaranteed to handle 50,000 write
cycles at +70°C. Writing to SEEPROM memory with
SEE = 1 does not count as an EEPROM write cycle
when evaluating the EEPROM’s estimated lifetime.
Reading a Single Byte from a Slave: Unlike the write
operation that uses the memory address byte to define
where the data is to be written, the read operation
occurs at the present value of the memory address
counter. To read a single byte from the slave the mas-
ter generates a start condition, writes the slave address
with R/
W = 1, reads the data byte with a NACK to indi-
cate the end of the transfer, and generates a stop con-
dition.
Manipulating the Address Counter for Reads: A
dummy write cycle can be used to force the address
counter to a particular value. To do this the master gen-
erates a start condition, writes the slave address (R/
W
= 0), writes the memory address where it desires to
read, generates a repeated start condition, writes the
slave address (R/
W = 1), reads data with ACK or NACK
as applicable, and generates a stop condition.
See Figure 7 for a read example using the repeated
start condition dummy write cycle.
Reading Multiple Bytes from a Slave: The read oper-
ation can be used to read multiple bytes with a single
transfer. When reading bytes from the slave, the master
simply ACKs the data byte if it desires to read another
byte before terminating the transaction. After the mas-
ter reads the last byte it NACKs to indicate the end of
the transfer and generates a stop condition. This can
be done with or without modifying the address
counter’s location before the read cycle. The DS4510
does not wrap on page boundaries during read opera-
tions, but the counter rolls from its upper-most memory
address FFh to 00h if the last memory location is read
during the read transaction.
Example: The entire memory contents of the DS4510
can be read with a single transfer starting at address
F0h that reads 80 bytes of data. Addresses F0h to FFh
are read sequentially, the address counter rolls to 00h,
and then addresses 00h to 3Fh can be read sequential-
ly. This allows the entire memory contents to be read in
a single operation without reading the undefined con-
tents of the reserved area of the memory.
Application Information
Advantages of Using the
SEE Bit to Disable
EEPROM Writes
The
SEE bit allows EEPROM writes to be disabled for
the SRAM-shadowed EEPROM bytes, allowing the
SRAM of SEE registers to change without writing the
EEPROM to the same value. This prevents write opera-
tions from changing the power-on value of the I/O pins,
reduces the number of EEPROM write cycles, and
speeds up I/O operations because the DS4510 does
not require an internally timed EEPROM write cycle to
complete the operation.
Power-Supply Decoupling
To achieve the best results when using the DS4510,
decouple the power supply with a 0.01µF or a 0.1µF
capacitor. Use high-quality, ceramic, surface-mount
capacitors, and mount the capacitors as close as pos-
sible to the VCC and GND pins of the DS4510 to mini-
mize lead inductance.
SDA and SCL Pullup Resistors
SDA is an open-collector output on the DS4510 that
requires a pullup resistor to realize high logic levels.
Because the DS4510 does not utilize clock cycle
stretching, a master using either an open-collector out-
put with a pullup resistor or a normal output driver can
be utilized for SCL. Pullup resistor values should be
chosen to ensure that the rise and fall times listed in the
AC Electrical Characteristics are within specification.


Similar Part No. - DS4510U-15

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
logo
Astec America, Inc
DS450-3 ASTEC-DS450-3 Datasheet
187Kb / 3P
   450-550 Watts 12V DS450-3/DS550-3 Distributed Power System
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
   Distributed Power System
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
372Kb / 4P
   Distributed Power System
logo
Artesyn Technologies
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
   Distributed Power Bulk Front-End
More results

Similar Description - DS4510U-15

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3930 DALLAS-DS3930 Datasheet
616Kb / 12P
   Hex Nonvolatile Potentiometer with I/O and Memory
logo
Texas Instruments
BQ4802LY TI-BQ4802LY Datasheet
301Kb / 23P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LY TI-BQ4802LY_13 Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LYPW TI1-BQ4802LYPW Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
logo
Dallas Semiconductor
DS4550 DALLAS-DS4550 Datasheet
650Kb / 18P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
logo
Maxim Integrated Produc...
DS4550 MAXIM-DS4550 Datasheet
930Kb / 19P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
19-8356; Rev 1; 7/17
DS4520 MAXIM-DS4520 Datasheet
972Kb / 10P
   9-Bit I2C Nonvolatile I/O Expander Plus Memory
Rev 0; 6/04
DS4520 MAXIM-DS4520_V01 Datasheet
740Kb / 11P
   9-Bit I2C Nonvolatile I/O Expander Plus Memory
19-8355; Rev 1; 7/18
logo
Intersil Corporation
X4C105 INTERSIL-X4C105 Datasheet
296Kb / 19P
   CPU Supervisor with NOVRAM and Output Ports
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com