Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC-49-US Datasheet(PDF) 3 Page - PETERMANN-TECHNIK

Part # HC-49-US
Description  SMD-CRYSTAL SERIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

HC-49-US Datasheet(HTML) 3 Page - PETERMANN-TECHNIK

  HC-49-US Datasheet HTML 1Page - PETERMANN-TECHNIK HC-49-US Datasheet HTML 2Page - PETERMANN-TECHNIK HC-49-US Datasheet HTML 3Page - PETERMANN-TECHNIK HC-49-US Datasheet HTML 4Page - PETERMANN-TECHNIK HC-49-US Datasheet HTML 5Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE 3 OF 5
I SPEC 01 I REV.01 I OCTOBER 2016
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
ORDERING INFORMATION
HC-49/US 3.5 27.000 MHz 30/50/-40+125/20pF
HOUSING
3.5 mm
2.5 mm
SERIES
HC-49/US
OR
HC-49/3US
FREQUENCY
3.48755 ~ 36.0 MHz
AT-FUNDAMENTAL
24.0 ~ 44.0 MHz BT-
FUNDAMENTAL
24.576 ~ 75.0 MHz
3rd OVERTONE
FREQUENCY
TOLERANCE
AT 25°C
±5 PPM ~ ±50 PPM
LOAD
CAPACITANCE
6 pF ~ 50 pF or Series
TEMPERATURE
RANGE
0°/+50°C
-10°/+60°C
0°/+70°C
-20°/+70°C
-40°/+85°C
-40°/+125°C
-55°/+125°C
TEMPERATURE
STABILITY
See Table
„FREQUENCY
STABILITY VS.
TEMPERATURE“
EXAMPLE: HC-49/US 3.5 27.000 MHz 30/50/-40+125/20pF
PLEASE INDICATE YOUR REQUIRED PARAMETERS
REEL SPECIFICATION OF HC-49/US (only for 2pin Housing)


Similar Part No. - HC-49-US

ManufacturerPart #DatasheetDescription
logo
MMD Components
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
More results

Similar Description - HC-49-US

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M2012 PETERMANN-M2012 Datasheet
606Kb / 3P
   SMD-CRYSTAL SERIES
HC-493US PETERMANN-HC-493US Datasheet
630Kb / 5P
   SMD-CRYSTAL SERIES
logo
ECS, Inc.
ECX-42 ECS-ECX-42 Datasheet
112Kb / 1P
   SMD CRYSTAL
CSM-7X-DU ECS-CSM-7X-DU Datasheet
145Kb / 1P
   SMD CRYSTAL
ECX-1637 ECS-ECX-1637 Datasheet
272Kb / 2P
   SMD CRYSTAL
ECX-2236 ECS-ECX-2236 Datasheet
228Kb / 2P
   SMD CRYSTAL
ECX-2236B2 ECS-ECX-2236B2 Datasheet
1Mb / 2P
   SMD CRYSTAL
Rev.2021
CSM-7XDN ECS-CSM-7XDN Datasheet
146Kb / 1P
   SMD CRYSTAL
ECX-1637 ECS-ECX-1637_14 Datasheet
687Kb / 3P
   SMD CRYSTAL
ECX-1637Q ECS-ECX-1637Q Datasheet
604Kb / 1P
   SMD CRYSTAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com