Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393211-0 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part No. 9-1393211-0
Description  Meets requirements of UL Class F construction
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 1 page
background image
1
11-2012, Rev. 1112
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
High Power PCB Relays
T92 Series Two-pole 30A PCB or Panel Mount Relay
Potter & Brumfield
Contact ratings 1) (continued)
ARI 780-86 Endurance Test (section 6.6):
HVAC Definite Purpose Contactor Standard
Normally Open Contacts
Single Phase/Two Pole (Both poles together switching a single load)
110 LRA, 25.3 FLA, 200K operations (DC Coil)
Figure 1
Single Phase Per Pole (Single load per pole)
110 LRA, 18 FLA, 200K operations (DC Coil).
60 LRA, 14 FLA, 200K operations (AC Coil).
Figure 2
1) Contact ratings at 25°C (unless otherwise noted) with relay properly vented.
FLA, LRA ratings are compatible with 3.5 ton compressor applications.
Mechanical endurance
10x106 ops.
Coil Data
Coil voltage range
5 to 110VDC; 12 to 240VAC
Max. coil power
1.7W; 4.0VA
Max. coil temperature
155°C
Coil insulation system according UL
Class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
W
6
6
4.5
0.6
22
1.7
9
9
6.75
0.9
48
1.7
12
12
9
1.2
86
1.7
18
18
13.5
1.8
197
1.7
24
24
18
2.4
350
1.7
48
48
36
4.8
1390
1.7
110
110
82.5
11
7255
1.7
Coil versions, AC coil
Coil
Rated
Frequency Operate
Release
Coil
Rated coil
code voltage
voltage
voltage resistance
power
VAC
Hz
VAC, 60Hz VAC, 60Hz Ω±10%
VA
12
12
60
9.6
1.2
9.1
4
24
24
60
19.2
2.4
36.6
4
120 110/120
50/60
96
12
950
4
240 220/240
50/60
192
24
3800
4
277 250/277
50/60
222
28
5485
4
All figures are given for coil without preenergization, at ambient temperature +23°C.
n
40A, 2 form A (NO) and 2 form C (CO) switching capability
n
Designed to control compressor loads to 3.5 tons, 110LRA / 25.3FLA
n
Meets requirements of UL 508 and UL 873 spacings - 8mm through
air, 9.5mm over surface
n
Meets requirements of VDE 8mm spacing, 4kV dielectric coil-to-
contact
n
Meets requirements of UL Class F construction
n
UL approved for 600VAC switching (1.5HP)
n
New screw terminal version (consult factory for availability,
ratings)
Typical applications
HVAC, residential / commercial appliances, industrial controls.
Approvals
UL E58304 (Recognized and Listed); CSA LR48471; VDE 40019600
Technical data of approved types on request.
Contact Data
Contact arrangement
2 form A (NO), 2 form C (CO)
Rated voltage
277VAC
Max. switching voltage
600VAC
Rated current
30A NO; 3A NC
Limiting continuous current
40A NO; 3A NC
Limiting making current
40A NO; 3A NC
Limiting breaking current
40A NO; 3A NC
Contact material
AgSnOInO, AgCdO
Min. recommended contact load
500ma (NO)/ 100ma (NC), 12VAC
Frequency of operation, with load
360hr
Operate/release time max., including bounce
25/25ms
Contact ratings 1)
Type
Load
Cycles
UL508
AgCdO
NO
40A, 277VAC, resistive
6x103
NO
30A, 120/277VAC, resistive
100x103
NO
10A, 600VAC, general purpose
100x103
NO
1HP, 120VAC
100x103
NO
3HP, 240VAC
1x103
NO
1.5HP, 480 or 600VAC
100x103
NO
110LRA/25.3FLA, 240VAC (DC coil only)
100x103
NO
60LRA/14FLA, 240VAC (AC coil only)
100x103
NO
3A, 240VAC, pilot duty
100x103
NO
20A, 28VDC, resistive
100x103
NO
TV10, 120VAC
100x103
NC
3A, 277VAC
100x103
NC
2A, 480VAC
100x103
NC
1A, 600VAC
100x103
AgSnOInO
NO
30A, 120/277VAC, resistive (DC coil only)
200x103
NO
30A, 120/277VAC, resistive (AC coil only)
100x103
NO
20A, 480VAC, resistive
100x103
NO
1.5HP, 120VAC, 2 pole making/breaking (Fig.1)
100x103
NO
3HP, 240VAC, 3 phase (DC coil only)
100x103
NO
3HP, 480VAC, 3 phase (DC coil only)
100x103
NO
2HP, 600VAC, 3 phase (DC coil only)
100x103
VDE
AgCdO, flange mount relays
NO
20A, 400VAC
100x103
NC
3A, 400VAC
30x103
CO
20A NO / 3A NC, 400VAC
30x103
AgCdO, PC mount relays
NO
30A, 400VAC
100x103
NC
3A, 400VAC
30x103
CO
30A NO / 3A NC, 400VAC
30x103
L1
L2
T1T2
L1
L2
T1
T2




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl