Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393211-0 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part No. 9-1393211-0
Description  Meets requirements of UL Class F construction
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 4 page
background image
4
11-2012, Rev. 1112
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
High Power PCB Relays
T92 Series Two-pole 30A PCB or Panel Mount Relay (Continued)
Potter & Brumfield
Product Code
Enclosure
Contacts
Coil
Mounting
Contact Material
Coil
Part Number
 T92P7A22-24
Plastic dust cover
2 form A, 2 NO
AC
Panel mount + quick connect
AgCdO
24 VAC
6-1393211-0 
 T92P7A22-120
120 VAC
5-1393211-7 
 T92P7A22-240
240 VAC
6-1393211-2 
 T92P7A22-277
277 VAC
6-1393211-3 
 T92P7A24-240
AgSnOInO
240 VAC
3-1423008-3 
 T92P7A52-120
Panel mount + screw terminals
AgCdO
120 VAC
1423008-8 
 T92P7A52-240
240 VAC
1-1423008-2 
 T92P7D12-12
DC
PCB terminals
12 VDC
6-1393211-5 
 T92P7D12-24
24 VDC
6-1393211-6 
 T92P7D22-12
Panel mount + quick connect
12VDC
6-1393211-9 
 T92P7D22-24
24 VDC
7-1393211-1 
 T92P7D22-48
48 VDC
7-1393211-2 
 T92P7D24-12
AgSnOInO
12VDC
2-1423008-2 
 T92P7D24-24
24 VDC
1423008-9 
 T92P7D42-24
AgCdO
7-1393211-5 
 T92P7D52-12
Panel mount + screw terminals
12 VDC
1-1423008-0 
 T92P7D52-24
24 VDC
1423967-1 
 T92P11A12-120
2 form C, 2 CO
AC
PCB terminals
120 VAC
3-1393211-8 
 T92P11A22-12
Panel mount + quick connect
12 VAC
3-1393211-9 
 T92P11A22-24
24 VAC
4-1393211-3 
 T92P11A22-120
120 VAC
4-1393211-0 
 T92P11A22-240
240 VAC
4-1393211-4 
 T92P11A22-277
277 VAC
4-1393211-6 
 T92P11A24-240
AgSnOInO
240 VAC
3-1423008-7 
 T92P11A42-120
AgCdO
120VAC
4-1393211-8 
 T92P11D12-12
DC
PCB terminals
12 VDC
5-1393211-0 
 T92P11D22-12
Panel mount + quick connect
5-1393211-3 
 T92P11D22-24
24 VDC
5-1393211-4 
 T92P11D24-12
AgSnOInO
12 VDC
3-1423008-5 
 T92P11D24-24
24 VDC
3-1423008-6 
 T92S7A12-24
Wash tight
2 form A, 2 NO
AC
PCB terminals
AgCdO
24 VAC
9-1393211-8 
 T92S7A12-120
120 VAC
9-1393211-7 
 T92S7A12-240
240 VAC
9-1393211-9 
 T92S7A22-24
Top sealed
Panel mount + quick connect
24 VAC
1393212-4 
 T92S7A22-120
120 VAC
1393212-2 
 T92S7A22-240
240 VAC
1393212-5 
 T92S7D12-12
Wash tight
DC
PCB terminals
12 VDC
1393212-8 
 T92S7D12-24
24 VDC
1-1393212-0 
 T92S7D12-48
48 VDC
1-1393212-1 
 T92S7D12-110
110 VDC
1393212-7 
 T92S7D14-24
AgSnOInO
24 VDC
1-1423008-8 
 T92S7D22-12
Top sealed
Panel mount + quick connect
AgCdO
12 VDC
1-1393212-4 
 T92S7D22-18
18 VDC
1-1393212-5 
 T92S7D22-24
24 VDC
1-1393212-7 
 T92S7D22-110
110 VDC
1-1393212-3 
 T92S11A12-24
Wash tight
2 form C, 2 CO
AC
PCB terminals
24 VAC
8-1393211-1 
 T92S11A12-120
120 VAC
8-1393211-0 
 T92S11A12-240
240 VAC
8-1393211-2 
 T92S11A22-12
Top sealed
Panel mount + quick connect
12 VAC
8-1393211-3 
 T92S11A22-24
24 VAC
8-1393211-6 
 T92S11A22-120
120 VAC
8-1393211-4 
 T92S11A22-240
240 VAC
8-1393211-7 
 T92S11D12-12
Wash tight
DC
PCB terminals
12 VDC
8-1393211-9 
 T92S11D12-24
24 VDC
9-1393211-0 
 T92S11D12-48
48 VDC
9-1393211-1 
 T92S11D12-110
110 VDC
8-1393211-8 
 T92S11D22-12
Top sealed
Panel mount + quick connect
12 VDC
9-1393211-3 
 T92S11D22-24
24 VDC
9-1393211-4 




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl