Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DW9268 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # DW9268
Description  240.192MHz IF SAW Filter Advance Information
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

DW9268 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  DW9268 Datasheet HTML 1Page - Mitel Networks Corporation DW9268 Datasheet HTML 2Page - Mitel Networks Corporation DW9268 Datasheet HTML 3Page - Mitel Networks Corporation DW9268 Datasheet HTML 4Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DW9268
4
PACKAGE DETAILS
Dimensions are shown thus: mm (in). For further package information, please contact your local Customer Service Centre.
Internet: http://www.gpsemi.com
CUSTOMER SERVICE CENTRES
q FRANCE & BENELUX Les Ulis Cedex Tel: (1) 69 18 90 00 Fax : (1) 64 46 06 07
q GERMANY Munich Tel: (089) 419508-20 Fax : (089) 419508-55
q ITALY Milan Tel: (02) 6607151 Fax: (02) 66040993
q JAPAN Tokyo Tel: (03) 5276-5501 Fax: (03) 5276-5510
q KOREA Seoul Tel: (2) 5668141 Fax: (2) 5697933
q NORTH AMERICA Scotts Valley, USA Tel: (408) 438 2900 Fax: (408) 438 5576/6231
q SOUTH EAST ASIA Singapore Tel:(65) 3827708 Fax: (65) 3828872
q SWEDEN Stockholm Tel: 46 8 702 97 70 Fax: 46 8 640 47 36
q TAIWAN, ROC Taipei Tel: 886 2 25461260 Fax: 886 2 27190260
q UK, EIRE, DENMARK, FINLAND & NORWAY
Swindon Tel: (01793) 726666 Fax : (01793) 518582
These are supported by Agents and Distributors in major countries world-wide.
© Mitel Corporation 1998 Publication No. DS4025 Issue No. 1.4 October 1995
TECHNICAL DOCUMENTATION – NOT FOR RESALE. PRINTED IN UNITED KINGDOM
HEADQUARTERS OPERATIONS
MITEL SEMICONDUCTOR
Cheney Manor, Swindon,
Wiltshire SN2 2QW, United Kingdom.
Tel: (01793) 518000
Fax: (01793) 518411
MITEL SEMICONDUCTOR
1500 Green Hills Road,
Scotts Valley, California 95066-4922
United States of America.
Tel (408) 438 2900
Fax: (408) 438 5576/6231
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded
as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company
reserves the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any
guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and
to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury
or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.
All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners.


Similar Part No. - DW9268

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
DW9249 MITEL-DW9249 Datasheet
71Kb / 4P
   112.32MHz SAW IF Filter
DW9255 MITEL-DW9255 Datasheet
34Kb / 5P
   35.42MHz SAW Filter for GPS Receivers
DW9256 MITEL-DW9256 Datasheet
99Kb / 4P
   133MHZ SAW Filter
More results

Similar Description - DW9268

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
   Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
   Advance Information
MPC5121E FREESCALE-MPC5121E Datasheet
1Mb / 86P
   Advance Information
logo
Motorola, Inc
68HC912DG128 MOTOROLA-68HC912DG128 Datasheet
3Mb / 424P
   Advance Information
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com