Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DW9268 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # DW9268
Description  240.192MHz IF SAW Filter Advance Information
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

DW9268 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  DW9268 Datasheet HTML 1Page - Mitel Networks Corporation DW9268 Datasheet HTML 2Page - Mitel Networks Corporation DW9268 Datasheet HTML 3Page - Mitel Networks Corporation DW9268 Datasheet HTML 4Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DW9268
1
The DW9268 has been designed specifically for the Digital
Cordless Personal Communications market as an IF filter with
a centre frequency of 240.192MHz. The filter utilises GPS's
low loss (7dB typical), Transversal filter technology based on a
Quartz substrate for excellent temperature stability.
A 3dB passband of 1.3MHz (typical) is maintained whilst
providing rejection to adjacent and alternate interferers
compliant to the DECT Common Interface specification Part 2
- The Physical Layer. The device also exhibits excellent close-
in and ultimate rejection, which combined with a Group Delay
Ripple of 200ns maximum makes the DW9268 and ideal IF
filter for Digital Cordless Personal Communications systems.
The device is packaged in a surface mount, leadless
ceramic chip carrier, suited to high volume automated
assembly systems.
FEATURES
s 240.192MHz Centre Frequency (fo)
s Low Insertion Loss (8dB maximum)
s 3dB Passband 1.3MHz (typical)
s Quartz Temperature Stability
s Low Profile Ceramic LCC Package
ABSOLUTE MAXIMUM RATINGS
DC Voltage
VDC
0V
Input Power Max.
PIN
10dBm
NOMINAL IMPEDANCE
Input:
500
Ω // 16pF
Output:
625
Ω // 14pF
50
Ω TEST BOARD COMPONENTS
Input:
Shunt Cap. 45pF, Series Ind. 47nH
Output:
Series Ind. 47nH, Shunt Cap. 34pF
Components: Coilcraft 1008CS Inductors : Murata 0805 Capacitors
ORDERING INFORMATION
DW9268
DS4025 - 1.4 October 1995
DW9268
240.192MHz IF SAW Filter
Advance Information


Similar Part No. - DW9268

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
DW9249 MITEL-DW9249 Datasheet
71Kb / 4P
   112.32MHz SAW IF Filter
DW9255 MITEL-DW9255 Datasheet
34Kb / 5P
   35.42MHz SAW Filter for GPS Receivers
DW9256 MITEL-DW9256 Datasheet
99Kb / 4P
   133MHZ SAW Filter
More results

Similar Description - DW9268

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
   Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
   Advance Information
MPC5121E FREESCALE-MPC5121E Datasheet
1Mb / 86P
   Advance Information
logo
Motorola, Inc
68HC912DG128 MOTOROLA-68HC912DG128 Datasheet
3Mb / 424P
   Advance Information
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com