Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-1393210-3 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 4-1393210-3
Description  Plastic sealed case available
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393210-3 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  4-1393210-3 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393210-3 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393210-3 Datasheet HTML 3Page - TE Connectivity Ltd 4-1393210-3 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
General Purpose Relays
Power Relays
T9A Series, DC Coil 30A PCB or Panel Mount Relay (Continued)
09-2015, Rev. 0815
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Insulation Data
Initial dielectric strength
between open contacts
1500Vrms
between contact and coil
2500Vrms
Initial surge withstand voltage
between contact and coil
6kV
Initial insulation resistance
between insulated elements
1x109
Clearance/creepage
between contact and coil
3.18mm clearance/6.3638mm
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
-55ºC to 85ºC 3)
105°C models available
Category of environmental protection
IEC 61810
RT0 - open, RTI - dust protected,
RTII - flux proof, RTIII - wash tight
Vibration resistance (functional)
1.65mm max excursions, 10-55 Hz
Shock resistance (functional)
10g for 11msec
Shock resistance (destructive)
100g
Terminal type
pcb-tht and pcb-tht + quick connect
Weight
26g mounting code 1
33g mounting codes 2 and 5
Resistance to soldering heat THT
IEC 60068-2-20
250°C
Packaging/unit
tray/50 pcs., bundle/250 pcs., box/500 pcs.
3) Operating ambient temperature must consider “Must Operate Voltage Change Over
Temperature,” Contact Temperature Rise, Coil Temperature Rise (If coil is not allowed to
cool) and Maximum Coil Temperature. Specification ambient considers 20A load with
coil cooled to ambient.
Coil Data (continued)
Ambient temperature vs. coil voltage – 1W coil
Data below are average values and should be verified in application. Tests
were conducted within a 2’ (.6 m) cube (still air); at nominal coil power @
25°C; with normally open contact loaded; and with 4’ (1.22 m) long, #10
AWG load wires. P.C. board relays were mounted to a 30A, single side P.C.
board. Coil rise test conducted with a 30A PC board to maintain 20°C max.
rize at 30°C. The relay connections and wiring must be designed with an
adequate cross section to ensure proper current flow and heat dissipation.
2) Remove knock-off nib after cleaning process for optimum life of wash-tight relays.
0
20
40
60
80
100
120
140
180
160
140
120
100
80
60
Wash-Tight Relay, Vented (2,
Load Connections Via Q.C. Terminals,
PC Mount
0A
10A
20A
30A
Applied Coil Voltage (% of Rated Voltage)
40
60
80
100
120
140
180
160
140
120
100
80
60
Dust Protected Relay,
Flange Mount
0A
10A
20A
30A
Applied Coil Voltage (% of Rated Voltage)
0
20
40
60
80
100
120
140
180
160
140
120
100
80
60
0A
10A
20A
30A
Wash-Tight Relay, Vented (2
PC Terminals For Coil & Contacts
Applied Coil Voltage (% of Rated Voltage)
Dimensions
T9AS – Mounting and termination code 2
T9AP – Mounting and termination code 5
.032 x .062
(.81 x 1.57)
.045 x .045
(1.14 x 1.14)
.03
(.80)
2 PLACES
.250 x .032 QUICK
(6.35 x .81) CONNECT
1.280 MAX.
(32.51)
1.080 MAX.
(27.43)
.130 .020
(3.30 .51)
1.100 MAX.
(27.94)
Ø
.187 x .020
(4.75 x .508)
QUICK
CONNECT
1.080 MAX.
(27.43)
1.980 MAX.
(50.29)
1.713 ± .010
(43.51 ± .25)
.071 (1.80) RAD. FOR #6 SCREW
1.280 MAX.
(32.51)
1.100 MAX.
(27.94)
.250 x .032
(6.35 x .81)
QUICK
CONNECT
Note: Recommended mounting screw torque is 4.0-5.0 lbs.in when #6 screw is used.


Similar Part No. - 4-1393210-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-1393210-3 TEC-4-1393210-3 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
More results

Similar Description - 4-1393210-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T9A-2X TEC-T9A-2X Datasheet
592Kb / 3P
   Plastic sealed case available
logo
American Zettler, Inc.
AZ7705 AZETTLER-AZ7705 Datasheet
496Kb / 2P
   Epoxy sealed available
logo
jb Capacitors Company
JFO JBCAPACITORS-JFO Datasheet
176Kb / 1P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFZ JBCAPACITORS-JFZ Datasheet
365Kb / 3P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFN JBCAPACITORS-JFN Datasheet
208Kb / 2P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFV JBCAPACITORS-JFV Datasheet
494Kb / 7P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
logo
Suntan Capacitors
TS08V SUNTAN-TS08V Datasheet
124Kb / 1P
   NON ??INDUCTIVE, (UL940V-0) PLASTIC CASE SEALED WITH EPOXY RESIN
logo
Cornell Dubilier Electr...
160 CDE-160 Datasheet
141Kb / 6P
   Rugged plastic case
logo
DB Lectro Inc
JZC-33F DBLECTRO-JZC-33F Datasheet
356Kb / 3P
   Sealed & Unsealed types available
logo
American Zettler, Inc.
AZ6975 AZETTLER-AZ6975 Datasheet
1,021Kb / 3P
   Epoxy sealed version available
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com