Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393146-8 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part No. 9-1393146-8
Description  Plug-in version, PCB terminals, chassis- or DIN-rail mount
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 4 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
SCHRACK
General Purpose Relays
Industrial Relays
Power Relay RM 2/3/7 (Continued)
Product code
Contacts
Version
Enclosure
Coil
Coil
Part number
RM202024
2 form C
Without
Plain cover
DC coil
24VDC
8-1393149-2
RM202524
2 CO contacts
test button
quick c. 4.8mm
AC coil
24VAC
1-1393146-9
RM202615
16 A
115VAC
2-1393146-0
RM202730
230VAC
1-1393148-4
RM203024
Mounting brackets
DC coil
24VDC
1-1393148-6
RM203524
quick c. 4.8mm
AC coil
24VAC
2-1393146-5
RM203615
115VAC
2-1393146-6
RM203730
230VAC
2-1393146-8
RM205024
Mounting brackets
DC coil
24VDC
2-1393146-9
RM205524
quick c. 6.3mm
AC coil
24VAC
3-1393146-0
RM205615
115VAC
3-1393146-1
RM205730
230VAC
3-1393146-2
RM207024
PCB version
DC coil
24VDC
3-1393146-3
RM207615
AC coil
115VAC
8-1393149-5
RM207730
230VAC
3-1393146-4
RM208024
DIN-snap-on
DC coil
24VDC
3-1393146-5
RM208730
horizontal
AC coil
230VAC
8-1393149-6
RM209730
DIN vertical
230VAC
3-1393146-6
RM232024
With
Plain cover
DC coil
24VDC
3-1393146-8
RM232524
test button
quick c. 4.8mm
AC coil
24VAC
3-1393146-9
RM232615
115VAC
4-1393146-0
RM232730
230VAC
3-1393107-4
RM233024
Mounting brackets
DC coil
24VDC
3-1393107-5
RM233615
quick c. 4.8mm
AC coil
115VAC
4-1393146-2
RM235024
Mounting brackets
DC coil
24VDC
8-1393149-8
RM235730
quick c. 6.3mm
AC coil
230VAC
4-1393146-5
RM239730
DIN vertical
230VAC
4-1393148-7
RM302024
3 form C
Without
Plain cover
DC coil
24VDC
8-1393149-9
RM302524
3 CO contacts
test button
quick c. 4.8mm
AC coil
24VAC
5-1393146-3
RM302615
10 A
115VAC
5-1393146-4
RM302730
230VAC
5-1419150-3
RM303024
Mounting brackets
DC coil
24VDC
6-1393148-4
RM303615
quick c. 4.8mm
AC coil
115VAC
5-1393146-5
RM303730
230VAC
5-1393146-7
RM307024
PCB version
DC coil
24VDC
7-1393148-2
RM307730
AC coil
230VAC
5-1393146-9
RM332024
With
Plain cover
DC coil
24VDC
9-1393149-2
RM332524
test button
quick c. 4.8mm
AC coil
24VAC
9-1393149-3
RM332730
230VAC
9-1393149-4
RM333024
Mount. br. QC4.8
DC coil
24VDC
9-1393149-6
RM335730
Mount. br. QC6.3
AC coil
230VAC
6-1393107-1
RM338730
DIN horizontal
230VAC
7-1393148-7
RM339730
DIN vertical
230VAC
6-1393107-2
RM702024
3 form C
Without
Plain cover
DC coil
24VDC
8-1393146-5
RM702524
3 CO contacts
test button
quick c. 4.8mm
AC coil
24VAC
1393844-9
RM702615
16 A
115VAC
1-1393844-0
RM702730
230VAC
1-1393844-1
RM703024
Mounting brackets
DC coil
24VDC
1-1393844-2
RM703524
quick c. 4.8mm
AC coil
24VAC
9-1393146-1
RM703615
115VAC
9-1393146-2
RM703730
230VAC
9-1393146-4
RM705024
Mounting brackets
DC coil
24VDC
9-1393146-6
RM705524
quick c. 6.3mm
AC coil
24VAC
9-1393146-7
RM705615
115VAC
1-1393844-4
RM705730
230VAC
1-1393844-5
RM707024
PCB version
DC coil
24VDC
9-1393146-8
RM707524
AC coil
24VAC
1393147-1
RM707730
230VAC
1393147-2
RM708024
DIN horizontal
DC coil
24VDC
1393147-4
RM708730
quick c. 6.3mm
AC coil
230VAC
1-1419136-0
RM709024
DIN vertical
DC coil
24VDC
2-1393149-2
RM709730
AC coil
230VAC
1393147-5
RM732024
With
Plain cover
DC coil
24VDC
1-1393844-7
RM732524
test button
quick c. 4.8mm
AC coil
24VAC
1-1393147-0
RM732615
115VAC
1-1393147-1
RM732730
230VAC
1-1393844-8
RM733730
Mount.br. QC 4.8
230VAC
1-1393147-5
RM735024
Mounting brackets
DC coil
24VDC
3-1393149-6
RM735524
quick c. 6.3mm
AC coil
24VAC
3-1393149-7
RM735730
230VAC
4-1393149-1
RM737730
PCB version
230VAC
2-1393147-0
RM738024
DIN-snap-on
DC coil
24VDC
2-1393844-0
RM738730
horizontal
AC coil
230VAC
2-1393147-2
RM739024
DIN-snap-on
DC coil
24VDC
4-1393149-5
RM739730
vertical
AC coil
230VAC
2-1393844-2




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl