Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393104-3 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part No. 9-1393104-3
Description  Octal type termination for quick installation
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 1 page
background image
1
07-2015, Rev. 0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
KRPA Series Panel Plug-in Relay
Potter & Brumfield
Coil Data (continued)
Coil versions, AC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VAC
VAC
Ω±15%
VA
6
6
5.1
6
2.01
12
12
10.2
24
2.02
24
24
20.4
85
2.02
120
120
102.0
2250
2.1
240
240
204.0
9110
2.1
All figures are given for coil without preenergization, at ambient temperature +23°C.
Insulation Data
Initial dielectric strength
between open contacts
1000V
rms
between contact and coil
1000V
rms
between adjacent contacts
1000V
rms
Initial insulation resistance
between insulated elements
KRPA: 1000MΩ
KA: 100MΩ
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
KRPA: -45ºC to 70ºC
KA: -45ºC to 85ºC
AC coil
KRPA: -45ºC to 55ºC
KA: -45ºC to 70ºC
Category of environmental protection
IEC 61810
RTI - dust protected KRPA and
RT0 - open style KA
Terminal type
KRPA: 8- or 11-pin octal-type plug
KA: solder terminals
Weight
85g
Packaging/unit
tray/25 pcs., box/150pcs.
Accessories
For details see datasheet
Sockets and Accessories, KRPA Relays
Product Code Description
27E891
Two pole DIN socket (use 20C318 clip)
27E892
Three pole DIN socket (use 20C318 clip)
27E122
Two pole track mount socket (use 20C318 clip)
27E123
Three pole track mount socket (use 20C318 clip)
n
5 to 10A current capability
n
Contact arrangements of 1, 2 and 3 form C (CO)
n
Octal type termination for quick installation
n
Indicator lamp available on certain models
Typical applications
Baggage handling, lighting, inspection equipment, marine.
Approvals
UL E22575; CSA LR15734
Technical data of approved types on request.
Contact Data
Contact arrangement
1 form C (CO), 2 form C (CO), 3 form C (CO)
Rated voltage
240VAC
Rated current
10A
Contact material
Ag
AgCdO
Min. recommended contact load
100mA, 12VDC
300mA, 12VDC
Frequency of operation
360 ops./hour
360 ops./hour
Contact ratings
Type
Load
Cycles
UL 508
KRPA, Ag
5A, 120VAC
100x103
3A, 240VAC
100x103
1/10HP, 120VAC
1x103
1/6HP, 240VAC
1x103
KRPA, AgCdO
10A, 240VAC
100x103
1/3HP, 120VAC
1x103
1/2HP, 240VAC
1x103
KA, Ag
5A, 120VAC
3A, 240VAC
1/10HP, 120VAC
1/6HP, 240VAC
KA, AgCdO
10A, 120VAC
6A, 240VAC
1/6HP, 120VAC
1/3HP, 240VAC
Mechanical endurance
10x106 ops.
Coil Data
Coil voltage range
6 to 220VDC
6 to 240VAC
Coil insulation system according UL
Class B
Coil versions, DC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VDC
VDC
Ω±10%
W
6
6
4.5
32
1.15
12
12
9.0
120
1.2
24
24
18.0
472
1.25
48
48
36.0
1800
1.3
110
110
82.5
10000
1.2
220
Use 110V relay with 10KΩ, 5W resistor in series
All figures are given for coil without preenergization, at ambient temperature +23°C.




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl