Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1340Z-18+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1340Z-18+
Description  I2C RTC with Trickle Charger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340Z-18+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1340Z-18+ Datasheet HTML 5Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 6Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 7Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 8Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 9Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 10Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 11Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 12Page - Maxim Integrated Products DS1340Z-18+ Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Bit 6: Frequency Test (FT). When this bit is 1, the
FT/OUT pin toggles at a 512Hz rate. When FT is written
to 0, the OUT bit controls the state of the FT/OUT pin.
The initial power-up value of FT is 0.
Bit 5: Calibration Sign Bit (S). A logic 1 in this bit indi-
cates positive calibration for the RTC. A 0 indicates
negative calibration for the clock. See the Clock
Calibration section for a detailed description of the bit
operation. The initial power-up value of S is 0.
Bits 4 to 0: Calibration Bits (CAL4 to CAL0). These
bits can be set to any value between 0 and 31 in binary
form. See the Clock Calibration section for a detailed
description of the bit operation. The initial power-up
value of CAL0–CAL4 is 0.
Trickle-Charger Register (08h)
The simplified schematic in Figure 6 shows the basic
components of the trickle charger. The trickle-charge
select (TCS) bits (bits 4–7) control the selection of the
trickle charger. To prevent accidental enabling, only a
pattern on 1010 enables the trickle charger. All other
patterns disable the trickle charger. The trickle charger
is disabled when power is first applied. The diode-
select (DS) bits (bits 2, 3) select whether or not a diode
is connected between VCC and VBACKUP. If DS is 01,
no diode is selected; if DS is 10, a diode is selected.
The ROUT bits (bits 0, 1) select the value of the resistor
connected between VCC and VBACKUP. Table 3 shows
the resistor selected by the resistor select (ROUT) bits
and the diode selected by the diode select (DS) bits.
Warning: The ROUT value of 250Ω must not be select-
ed whenever VCC is greater than 3.63V.
The user determines diode and resistor selection
according to the maximum current desired for battery
or super cap charging (Table 3). The maximum charg-
ing current can be calculated as illustrated in the fol-
lowing example.
Assume that a 3.3V system power supply is applied to
VCC and a super cap is connected to VBACKUP. Also
assume that the trickle charger has been enabled with
a diode and resistor R2 between VCC and VBACKUP.
The maximum current IMAX would therefore be calculat-
ed as follows:
IMAX = (3.3V - diode drop) / R2 ≈ (3.3V - 0.7V) /
2kΩ≈ 1.3mA
As the super cap charges, the voltage drop between
VCC and VBACKUP decreases and therefore the charge
current decreases.
Flag Register (09h)
Bit 7: Oscillator Stop Flag (OSF). A logic 1 in this bit
indicates that the oscillator has stopped or was
stopped for some time period and may be used to
judge the validity of the clock and calendar data. This
bit is edge triggered and is set to logic 1 when the
internal circuitry senses that the oscillator has transi-
tioned from a normal run state to a STOP condition. The
following are examples of conditions that can cause the
OSF bit to be set:
1)
The first time power is applied.
2)
The voltages present on VCC and VBACKUP
are insufficient to support oscillation.
3)
The
EOSC bit is set to 1, disabling the
oscillator.
4)
External influences on the crystal (e.g., noise,
leakage).
The OSF bit remains at logic 1 until written to logic 0. It
can only be written to logic 0. Attempting to write OSF
to logic 1 leaves the value unchanged.
I2C RTC with Trickle Charger
_____________________________________________________________________
9
TCS3
TCS2
TCS1
TCS0
DS1
DS0
ROUT1
ROUT0
FUNCTION
XX
XX
00
XX
Disabled
XX
XX
11
XX
Disabled
XX
X
XXX0
0
Disabled
10
10
0
1
01
No diode, 250
Ω resistor
10
1
010
01
One diode, 250
Ω resistor
10
10
0
1
10
No diode, 2k
Ω resistor
10
1
010
10
One diode, 2k
Ω resistor
10
10
0
1
11
No diode, 4k
Ω resistor
10
1
010
11
One diode, 4k
Ω resistor
00
0
000
00
Power-on reset value
Table 3. Trickle-Charge Register


Similar Part No. - DS1340Z-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340Z-18++ MAXIM-DS1340Z-18+ Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
More results

Similar Description - DS1340Z-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com