Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1393118-6 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part No. 4-1393118-6
Description  Sockets available for panel, DIN rail or PCB mounting
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 3 page
background image
General Purpose Relays
Industrial Relays
KUP Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Terminal dimensions
4.75mm (.187) quick connect
5.21mm (.205) quick connect
1.19mm (.047) printed circuit
6.35mm (.250) quick connect
.205± .002
(5.21± .05)
.156
(3.96)
.093
(2.36)
.285
(7.24)
.316 REF.
(8.03)
.032
(.81)
THICKNESS
HEADER
.035
(.89)
.156
(3.96)
.032
(.81)
THICKNESS
.093
(2.36)
HEADER
.237
(6.02)
.268 REF.
(6.81)
.047
(1.19)
.180
(4.57)
.156
(3.96)
X Is For Terminal Dimensions.
See Teminal Drawings.
KUP top flange case
KUP core / stud mount case
.125
(3.18)
.078
(1.98)
.187±.002
(4.75±.05)
.250
(6.35)
281 REF.
(7.14)
THICKNESS
.020
(.51)
HEADER
.125 DIA.
(3.18)
.035
(.89)
.250 ± .0 03
(6.35 ± .08)
HEADER
.305
(7.75)
.312
(7.92)
.106
(2.69)
.358 REF.
(9.09)
THICKNESS
.032
(0.81)
KUP plain case
X
X
X
X
.187 (4.75) DIA.
PUSH-TO-TEST BUTT ON
AVAILABLE
.288
(7.32)
1.968 MAX.†
(49.99)
1.906 MAX.‡
(48.41)
.219 MAX.
(5.56)
1.531 MAX.
(38.89)
1
2
3
4
5
6
7
8
9
A
B
1.406 MAX.
(35.71)
1.39 MAX.*
(35.3)
1.29 MAX.**
(32.8)
1.25 MAX.***
(31.8)
1.968 MAX.†
(49.99)
1.906 MAX.‡
(48.41)
X
1.43 MAX.
(36.27)
.437 .010
(11.10 .25)
.130
(3.30)
1.74 MAX.
(44.2)
.312
(7.92)
STUD with
#6-32THREAD
or CORE TAPPED
#6-32
.085 MAX.
(2.16)
#6-32 THREAD
1.968 MAX. †
(49.99)
1.906 MAX. ‡
(48.41)
.38
(9.7)
.16
(4.1)
1
2
3
4
5
6
7
8
9
A
B
1.518 MAX.
(38.56)
1.373 ± .010
(34.87 ± .25)
1.713 ± .0 03
(43.51 ± .08)
1.989 ± .0 03
(50.52)
.178TYP.
(4.52)
2.248 MAX.
(57.10)
.078 TYP.
(1.98)
KUP bracket mount case
1.968 MAX.†
(49.99)
1.906 MAX.‡
(48.41)
.75
(19.1)
2.90 MAX.
(73.7)
.078 R.TYP.
(1.98)
X
1.531 MAX.
(38.89)
.312
TYP.
(7.92)
.375
(9.53)
.437
(11.10)
X
2.500
(63.50)
X
.625TYP.
(15.88)
.06
(1.52)
PUSH-TO-TEST BUTTON
AVAILABLE
.07
(1.8)
KUP stud on end case
† Dimensions with .250” (6.35mm) terminals.
‡ Dimensions with .187” (4.75mm and .205” 5.21mm) terminals.
*Dimensions with .250” (6.35mm) terminals.
** Dimensions with .110” (2.79mm) or .205”(5.21mm) terminals.
*** Dimensions with .187” (4.75mm) terminals.
Terminal assignment
1 Form X
1 Form C
2 Form C
3 Form C
4 Form C
1 Form A (delete 2)
2 Form A (delete 1 & 3)
3 Form A (delete 1, 2 & 3)
4
6
A
B
A
B
7
5
2
7
4
A
B
1
9
6
3
A
B
7
4
1
9
6
3
8
5
2
A
B
9
1
5
10
2
6
11
7
3
4
8
12
Dimensions (continued)




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl