Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR18230G-XX-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR18230G-XX-S08-R
Description  Good Line and Load Regulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR18230G-XX-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LR18230G-XX-S08-R Datasheet HTML 1Page - Unisonic Technologies LR18230G-XX-S08-R Datasheet HTML 2Page - Unisonic Technologies LR18230G-XX-S08-R Datasheet HTML 3Page - Unisonic Technologies LR18230G-XX-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LR18230
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R102-074.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage (Survival)
VIN
6
V
Enable Input Voltage (Survival)
VEN
6
V
Maximum Output Current
IMAX
3
A
Lead Temperature (Soldering, 5 sec)
TL
260
°C
Operating Junction Temperature
TJ
-40 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
68
°C/W
ELECTRICAL CHARACTERISTICS
(Limits in standard typeface are for TJ=25°C, unless otherwise specified.)
(VIN (Note 1) =VO (NOM) +1V, IL=10mA, CIN=10uF, COUT=10uF, VEN=VIN-0.3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage Tolerance
VO
VOUT+1V<VIN<5.5V
-3
0
3
%
Adjustable Pin Voltage
VADJ
2.5V<VIN<5.5V
0.776
0.8
0.824
V
Line Regulation
∆VLINE
VOUT+1V<VIN<5.5V
0.15
0.40
V/%
Load Regulation (Note 2)
∆VLOAD
10mA<IL<3A
0.20
0.60
%
IL=300mA
45
65
Dropout Voltage (Note 3)
VDROP
IL=3A
400
600
mV
IL=300mA
0.30
1.0
Ground Pin Current
IGND
IL=3A
0.30
1.0
mA
Ground Pin Current
IGND_OFF
VEN<0.2V
0.5
2
uA
f=1kHz
55
Power Supply Rejection Ratio
PSRR
f=1kHz, CFF=1uF
65
dB
Thermal Shutdown Temperature
TSD
170
°C
Logic Low
VIL
Output=Low
0.4
V
Enable threshold
Logic High
VIH
Output=High
2.0
V
Enable Input Current
IEN
VEN=VIN
-1
0
1
uA
Notes: 1. The minimum operating value for input voltage is equal to either (VOUT, NOM+VDROP) or 2.5V, whichever is
greater.
2. Regulation is measured at constant junction temperature by using a 10ms current pulse. Devices are
tested for load regulation in the load range from 10mA to 3A.
3. Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2%
below the nominal value. Dropout voltage specification applies only to output voltages of 2.5V and above.
For output voltages below 2.5V, the dropout voltage is nothing but the input to output differential, since the
minimum input voltage is 2.5V.


Similar Part No. - LR18230G-XX-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
LR18220G-AD-S08-R UTC-LR18220G-AD-S08-R Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
LR18220G-AD-SH2-R UTC-LR18220G-AD-SH2-R Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
   Guaranteed Output Current of 2A
LR18220L-AD-S08-R UTC-LR18220L-AD-S08-R Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LR18230G-XX-S08-R

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SLR1084 SMC-SLR1084 Datasheet
390Kb / 10P
   Extremely Tight Line and Load Regulation
logo
International Rectifier
IR3846M IRF-IR3846M_15 Datasheet
3Mb / 54P
   Enhanced line/load regulation with Feed-Forward
logo
Astec America, Inc
BK60C ASTEC-BK60C Datasheet
78Kb / 2P
   Regulation to zero load
ALQ20B48 ASTEC-ALQ20B48 Datasheet
145Kb / 2P
   Line regulation
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
   Regulation to zero load
logo
Analog Intergrations Co...
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
   Load Regulation, typical - 2mV
logo
Micrel Semiconductor
MIC23155 MICREL-MIC23155 Datasheet
732Kb / 19P
   3MHz PWM 2A Buck Regulator with HyperLight Load and Power Good
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
   4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com