Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1393210-7 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 3-1393210-7
Description  Plastic sealed case available
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393210-7 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  3-1393210-7 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393210-7 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393210-7 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393210-7 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
General Purpose Relays
Power Relays
T9A Series, DC Coil 30A PCB or Panel Mount Relay (Continued)
09-2015, Rev. 0815
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
Potter & Brumfield
Product Code
Enclosure
Contacts
Coil
Mounting
Contact Material
Coil
Part Number
 T9AN1L22-24
Open (no cover)
1 form A, 1 NO
900mW
pcb + QC
AgCdO
24VDC
1419104-6 
 T9AN5L12-24
1 form C, 1 CO
pcb terminals
1-1393210-0 
 T9AN5L22-24
pcb + QC
1419104-9 
 T9AP1D52-12
Unsealed, plastic dust cover 1 form A, 1 NO
1W
Flanged mount, QC
12VDC
6-1419102-0 
 T9AP1D52-24
24VDC
6-1419102-3 
 T9AP1D52-48
48VDC
5-1419102-8 
 T9AP1D54-24
AgSnOInO
24VDC
7-1423091-3 
 T9AP5D52-12
1 form C, 1 CO
AgCdO
12VDC
5-1419102-4 
 T9AP5D52-24
24VDC
5-1419102-2 
 T9AP5D52-48
48VDC
6-1419102-4 
 T9AP5D54-12
AgSnOInO
12VDC
7-1423091-4 
 T9AP5D54-24
24VDC
7-1423091-5 
 T9AS1D12-5
Wash tight, knock off nib
1 form A, 1 NO
pcb terminals
AgCdO
5VDC
2-1393210-0 
 T9AS1D12-9
9VDC
2-1393210-2 
 T9AS1D12-12
12VDC
1-1393210-3 
 T9AS1D12-15
15VDC
1-1393210-4 
 T9AS1D12-18
18VDC
1-1393210-5 
 T9AS1D12-24
24VDC
1-1393210-8 
 T9AS1D12-48
48VDC
1-1393210-9 
 T9AS1D12-110
110VDC
1-1393210-2 
 T9AS1D14-12
AgSnOInO
12VDC
5-1423091-7 
 T9AS1D14-24
24VDC
6-1423091-3 
 T9AS1D22-5
pcb + QC
AgCdO
5VDC
2-1419104-3 
 T9AS1D22-12
12VDC
1-1419104-7 
 T9AS1D22-24
24VDC
2-1419104-1 
 T9AS1D22-48
48VDC
2-1419104-2 
 T9AS1D22-110
110VDC
1-1419104-6 
 T9AS1L12-12
900mW
pcb terminals
12VDC
2-1393210-4 
 T9AS1L12-24
24VDC
2-1393210-5 
 T9AS1L22-18
pcb + QC
18VDC
2-1419104-6 
 T9AS2L22-24
1 form B, 1 NC
24VDC
1423794-1 
 T9AS5D12-5
1 form C, 1 CO
1W
pcb terminals
5VDC
3-1393210-9 
 T9AS5D12-12
12VDC
3-1393210-3 
 T9AS5D12-18
18VDC
3-1393210-4 
 T9AS5D12-24
24VDC
3-1393210-7 
 T9AS5D12-48
48VDC
3-1393210-8 
 T9AS5D12-110
110VDC
3-1393210-2 
 T9AS5D14-5
AgSnOInO
5VDC
6-1423091-4 
 T9AS5D22-5
pcb + QC
AgCdO
3-1419104-9 
 T9AS5D22-12
12VDC
3-1419104-3 
 T9AS5D22-24
24VDC
3-1419104-6 
 T9AS5D22-110
110VDC
3-1419104-2 
 T9AS5D24-5
AgSnOInO
5VDC
6-1423091-9 
 T9AS5D24-12
12VDC
7-1423091-0 
 T9AS5D24-24
24VDC
7-1423091-1 
 T9AS5L12-12
900mW
pcb terminals
AgCdO
12VDC
4-1393210-1 
 T9AS5L22-18
pcb + QC
18VDC
4-1419104-0 
 T9AS5L22-24
24VDC
4-1419104-1 
 T9AS5L22-48
48VDC
9-1419136-6 
 T9AV1D12-12
Vented, flux tight
1 form A, 1 NO
1W
pcb terminals
12VDC
4-1393210-3 
 T9AV1D12-18
18VDC
5-1393210-2 
 T9AV1D22-18
pcb + QC
4-1419148-8 
 T9AV1D22-24
24VDC
5-1419148-0 
 T9AV1D22-48
48VDC
2-1423091-3 
 T9AV1L12-12
900mW
pcb terminals
12VDC
1-1423091-8 
 T9AV1L22-24
pcb + QC
24VDC
4-1419104-2 
 T9AV2D22-24
1 form B, 1NC
1W
1419137-1 
 T9AV5D12-24
1 form C, 1CO
pcb terminals
4-1393210-8 
 T9AV5D22-18
pcb + QC
18VDC
5-1419148-2 
 T9AV5D22-24
24VDC
1419137-2 
 T9AV5L12-12
900mW
pcb terminals
12VDC
1423091-6 
Note. This list represents the most common types and does not show all variants covered by this datasheet. Other types on request.


Similar Part No. - 3-1393210-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3-1393210-7 TEC-3-1393210-7 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
More results

Similar Description - 3-1393210-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T9A-2X TEC-T9A-2X Datasheet
592Kb / 3P
   Plastic sealed case available
logo
American Zettler, Inc.
AZ7705 AZETTLER-AZ7705 Datasheet
496Kb / 2P
   Epoxy sealed available
logo
jb Capacitors Company
JFO JBCAPACITORS-JFO Datasheet
176Kb / 1P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFZ JBCAPACITORS-JFZ Datasheet
365Kb / 3P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFN JBCAPACITORS-JFN Datasheet
208Kb / 2P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFV JBCAPACITORS-JFV Datasheet
494Kb / 7P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
logo
Suntan Capacitors
TS08V SUNTAN-TS08V Datasheet
124Kb / 1P
   NON ??INDUCTIVE, (UL940V-0) PLASTIC CASE SEALED WITH EPOXY RESIN
logo
Cornell Dubilier Electr...
160 CDE-160 Datasheet
141Kb / 6P
   Rugged plastic case
logo
DB Lectro Inc
JZC-33F DBLECTRO-JZC-33F Datasheet
356Kb / 3P
   Sealed & Unsealed types available
logo
American Zettler, Inc.
AZ6975 AZETTLER-AZ6975 Datasheet
1,021Kb / 3P
   Epoxy sealed version available
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com